Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C8051F53X Datasheet(PDF) 52 Page - Silicon Laboratories

Part # C8051F53X
Description  8/4/2 kB ISP Flash MCU Family
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F53X Datasheet(HTML) 52 Page - Silicon Laboratories

Back Button C8051F53X Datasheet HTML 48Page - Silicon Laboratories C8051F53X Datasheet HTML 49Page - Silicon Laboratories C8051F53X Datasheet HTML 50Page - Silicon Laboratories C8051F53X Datasheet HTML 51Page - Silicon Laboratories C8051F53X Datasheet HTML 52Page - Silicon Laboratories C8051F53X Datasheet HTML 53Page - Silicon Laboratories C8051F53X Datasheet HTML 54Page - Silicon Laboratories C8051F53X Datasheet HTML 55Page - Silicon Laboratories C8051F53X Datasheet HTML 56Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 220 page
background image
C8051F52x-53x
52
Rev. 0.3
SFR Definition 5.5. ADC0CN: ADC0 Control
Bit7
:
AD0EN
: ADC0 Enable Bit.
0: ADC0 Disabled. ADC0 is in low-power shutdown.
1: ADC0 Enabled. ADC0 is active and ready for data conversions.
Bit6
:
BURSTEN
: ADC0 Burst Mode Enable Bit.
0: ADC0 Burst Mode Disabled.
1: ADC0 Burst Mode Enabled.
Bit5
:
AD0INT
: ADC0 Conversion Complete Interrupt Flag.
0: ADC0 has not completed a data conversion since the last time AD0INT was cleared.
1: ADC0 has completed a data conversion.
Bit4
:
AD0BUSY
: ADC0 Busy Bit.
Read:
0: ADC0 conversion is complete or a conversion is not currently in progress. AD0INT is set
to logic 1 on the falling edge of AD0BUSY.
1: ADC0 conversion is in progress.
Write:
0: No Effect.
1: Initiates ADC0 Conversion if AD0CM1–0 = 00b
Bit3
:
AD0WINT
: ADC0 Window Compare Interrupt Flag.
This bit must be cleared by software.
0: ADC0 Window Comparison Data match has not occurred since this flag was last cleared.
1: ADC0 Window Comparison Data match has occurred.
Bit2
:
AD0LJST
: ADC0 Left Justify Select
0: Data in ADC0H:ADC0L registers is right justified.
1: Data in ADC0H:ADC0L registers is left justified. This option should not be used with a
repeat count greater than 1 (when AD0RPT1–0 is 01b, 10b, or 11b).
Bits1–0
: AD0CM1–0: ADC0 Start of Conversion Mode Select.
00: ADC0 conversion initiated on every write of ‘1’ to AD0BUSY.
01: ADC0 conversion initiated on overflow of Timer 1.
10: ADC0 conversion initiated on rising edge of external CNVSTR.
11: ADC0 conversion initiated on overflow of Timer 2.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
AD0EN BURSTEN AD0INT AD0BUSY AD0WINT AD0LJST AD0CM1 AD0CM0 00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
(bit addressable)
0xE8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com