Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C8051F53X Datasheet(PDF) 23 Page - Silicon Laboratories

Part # C8051F53X
Description  8/4/2 kB ISP Flash MCU Family
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F53X Datasheet(HTML) 23 Page - Silicon Laboratories

Back Button C8051F53X Datasheet HTML 19Page - Silicon Laboratories C8051F53X Datasheet HTML 20Page - Silicon Laboratories C8051F53X Datasheet HTML 21Page - Silicon Laboratories C8051F53X Datasheet HTML 22Page - Silicon Laboratories C8051F53X Datasheet HTML 23Page - Silicon Laboratories C8051F53X Datasheet HTML 24Page - Silicon Laboratories C8051F53X Datasheet HTML 25Page - Silicon Laboratories C8051F53X Datasheet HTML 26Page - Silicon Laboratories C8051F53X Datasheet HTML 27Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 220 page
background image
PROGRAM/DATA MEMORY
(Flash)
(Direct and Indirect
Addressing)
0x00
0x7F
Upper 128 RAM
(Indirect Addressing
Only)
0x80
0xFF
Special Function
Register's
(Direct Addressing Only)
DATA MEMORY (RAM)
General Purpose
Registers
0x1F
0x20
0x2F
Bit Addressable
Lower 128 RAM
(Direct and Indirect
Addressing)
0x30
INTERNAL DATA ADDRESS SPACE
8 kB Flash
(In-System
Programmable in 512
Byte Sectors)
0x0000
RESERVED
0x1E00
0x1DFF
‘F520/1 and ‘F530/1
4 kB Flash
(In-System
Programmable in 512
Byte Sectors)
0x0000
RESERVED
0x1000
0x0FFF
‘F523/4 and ‘F533/4
2 kB Flash
(In-System
Programmable in 512
Byte Sectors)
RESERVED
‘F526/7 and ‘F536/7
0x0800
0x07FF
0x0000
Rev. 0.3
23
C8051F52x-53x
Figure 1.4. Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com