Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C8051F53X Datasheet(PDF) 87 Page - Silicon Laboratories

Part # C8051F53X
Description  8/4/2 kB ISP Flash MCU Family
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F53X Datasheet(HTML) 87 Page - Silicon Laboratories

Back Button C8051F53X Datasheet HTML 83Page - Silicon Laboratories C8051F53X Datasheet HTML 84Page - Silicon Laboratories C8051F53X Datasheet HTML 85Page - Silicon Laboratories C8051F53X Datasheet HTML 86Page - Silicon Laboratories C8051F53X Datasheet HTML 87Page - Silicon Laboratories C8051F53X Datasheet HTML 88Page - Silicon Laboratories C8051F53X Datasheet HTML 89Page - Silicon Laboratories C8051F53X Datasheet HTML 90Page - Silicon Laboratories C8051F53X Datasheet HTML 91Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 220 page
background image
Rev. 0.3
87
C8051F52x-53x
10.6. Special Function Registers
The direct-access data memory locations from 0x80 to 0xFF constitute the special function registers
(SFRs). The SFRs provide control and data exchange with the CIP-51's resources and peripherals. The
CIP-51 duplicates the SFRs found in a typical 8051 implementation as well as implementing additional
SFRs used to configure and access the sub-systems unique to the MCU. This allows the addition of new
functionality while retaining compatibility with the MCS-51™ instruction set. Table 10.1 lists the SFRs
implemented in the CIP-51 System Controller.
The SFR registers are accessed anytime the direct addressing mode is used to access memory locations
from 0x80 to 0xFF. SFRs with addresses ending in 0x0 or 0x8 (e.g. P0, TCON, IE, etc.) are bit-addressable
as well as byte-addressable. All other SFRs are byte-addressable only. Unoccupied addresses in the SFR
space are reserved for future use. Accessing these areas will have an indeterminate effect and should be
avoided. Refer to the corresponding pages of the data sheet, as indicated in Table 10.2, for a detailed
description of each register.
Table 10.1. Special Function Register (SFR) Memory Map
F8
SPI0CN
PCA0L
PCA0H
PCA0CPL0 PCA0CPH0
VDDMON
F0
B
P0MDIN
P1MDIN
EIP1
E8
ADC0CN
PCA0CPL1 PCA0CPH1 PCA0CPL2 PCA0CPH2
RSTSRC
E0
ACC
XBR0
XBR1
IT01CF
EIE1
D8
PCA0CN
PCA0MD PCA0CPM0 PCA0CPM1 PCA0CPM2
D0
PSW
REF0CN
C8
TMR2CN
REG0CN
TMR2RLL TMR2RLH
TMR2L
TMR2H
P1MAT
C0
ADC0GTL ADC0GTH ADC0LTL ADC0LTH P0MASK
B8
IP
ADC0TK
ADC0MX
ADC0CF
ADC0L
B0
OSCIFIN
OSCXCN
OSCICN
OSCICL
FLKEY
A8
IE
A0
—
SPI0CFG
SPI0CKR
SPI0DAT
P0MDOUT P1MDOUT
98
SCON0
SBUF0
CPT0CN
CPT0MD
CPT0MX
90
P1
LINADDR
LINDATA
LINCF
88
TCON
TMOD
TL0
TL1
TH0
TH1
CKCON
PSCTL
80
P0
SP
DPL
DPH
PCON
0(8)
1(9)
2(A)
3(B)
4(C)
5(D)
6(E)
7(F)
(bit addressable)
P0SKIP
P1SKIP
P0MAT
ADC0
P1MASK
CLKSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com