Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CF5762AB0 Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # CF5762AB0
Description  Analog Chime Clock CMOS IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5762AB0 Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  CF5762AB0 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CF5762AB0
NIPPON PRECISION CIRCUITS INC.—3
SPECIFICATIONS
Absolute Maximum Ratings
Electrical Characteristics
VDD = 1.5V, VSS = 0V, Ta = 25°C, f0 = 4.194304MHz, CI = 150Ω, CG = CD = 15pF unless otherwise noted
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD − VSS
−0.3 to 5.0
V
Input voltage range
VIN
VSS to VDD
V
Storage temperature range
Tstg
−65 to 150
°C
Operating temperature range
Topr
−30 to 80
°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Minimum operating voltage1
1. Measured using “Measurement Circuit” with fOSC ≈ f0 ± 30ppm, functions auto-start normally.
VDD (min)
fOSC ≈ f0
–
–
1.2
V
Maximum operating voltage1
VDD (max)
fOSC ≈ f0
3.6
–
–
V
Operating current consumption (non-play mode)1
IDD1
fOSC ≈ f0, outputs open
–
20
50
µA
Operating current consumption (play mode)1
IDD2
fOSC ≈ f0, outputs open
–
60
150
µA
Oscillator start-up time1
t1
fOSC ≈ f0, VDD = 1.2V
–
–
5.0
s
Frequency-voltage characteristic2
2.
ε1 = ε (1.2V) = |[f (1.2V) − f (1.5V)] / f (1.5V)|
ε2 = ε (1.7V) = |[f (1.7V) − f (1.5V)] / f (1.5V)|
ε1, ε2
fOSC (1.5V)
–
–
2.0
ppm
Output saturation resistance3
3. Load resistor RL connected between outputs O1 and O2. If VOUT is the voltage wave maximum value across the resistor, then Rout is given by:
Rout = (VDD / VOUT − 1) × RL = (1.2(V) / VOUT − 1) × 400(Ω)
Rout
VDD = 1.2V, RL = 400Ω
–
70
100
Ω
Input current 1 (MT, RESET, WSEL, SEL1, SEL2,
AMI, PMI)4
4. The IIH and IIL ratings are for each input when short circuited to VDD or VSS. IIL1 is the current when CDS is inactive (when CO4N output is HIGH).
IIH1
VDD = 1.5V, VIH = 1.5V
0.4
1.0
2.0
µA
Input current 2 (S1 to S4)4
IIH2
VDD = 1.5V, VIH = 1.5V
1.0
2.0
4.0
µA
Input current 3 (CDS)4
IIL1
VDD = 1.5V, VIL = 0V
1.0
2.0
4.0
µA
Output current 1 (CO4N)5
IOL1
VDD = 1.2V, VOL = 0.2V
200
500
1000
µA
IOH1
VDD = 1.2V, VOH = 0.2V
200
500
1000
µA
Output current 2 (ATN)5
IOL2
VDD = 1.2V, VOL = 0.2V
200
500
1000
µA
IOH2
VDD = 1.2V, VOH = 1.0V
50
100
200
µA
Output current 3 (MSB, MSBN)5
IOL3
VDD = 1.2V, VOL = 0.6V
1.5
–
–
mA
IOH3
VDD = 1.2V, VOH = 0.6V
1.5
–
–
mA
Output current 4 (SP, SPN)5
IOH4
VDD = 1.2V, VOH = 0.6V
0.7
1.0
1.3
mA
Volume 0 resistance6
RVOL0
VDD = 1.5V
40
45
50
k
Ω
External capacitance (XT)
CG
515
36
pF
External capacitance (XTN)
CD
515
36
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com