Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CF5762AB0 Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # CF5762AB0
Description  Analog Chime Clock CMOS IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5762AB0 Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  CF5762AB0 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CF5762AB0
NIPPON PRECISION CIRCUITS INC.—4
Measurement Circuit
5. Output current (IOL, IOH) measured using the following circuit. IOH4 is measured with a 10kΩ resistor connected to VOL.
6. Volume 0 resistance is the resistance connected between VOL and VSS for which the SP and SPN output current is less than 100nA.
f0 = 4.194304MHz, CG = 15pF, CD = 15pF, RL = 400Ω, VOL = 50kΩ
VDD
VSS
VOL
A
VOH
IOH
IOL
VDD
Measurement
pin
VOL
10k
Ω
S1
1.5V
R
CD
L
S2
S3
S4
MT
CDS
CO4N
ATN
MSB
MSBN
SPN
SP
Parallel
CG
VOL
Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com