Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CF5762AB0 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # CF5762AB0
Description  Analog Chime Clock CMOS IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5762AB0 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  CF5762AB0 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CF5762AB0
NIPPON PRECISION CIRCUITS INC.—1
Analog Chime Clock CMOS IC
OVERVIEW
The CF5762AB0 is an analog chime clock CMOS IC that uses a 4.194304MHz crystal oscillator source. It can
play a melody and hour chime when triggered by an hourly signal. It generates output sound using dual pitch
synthesis (DPS) to produce high-tone quality melodies and chime signals.
FEATURES
I
4.2MHz fundamental oscillator frequency
I
1.5V and 3.0V supply voltages (VDD − VSS)
I
8Hz sweep
I
Melody switching function (SEL1 and SEL2)
• choice of 4 melodies played hourly
I
Chime output using time detection circuit
I
Dual pitch synthesis (DPS) sound generator
I
BTL-configuration melody output circuit
I
2 simultaneous output pitches
I
Busy (play) signal control output (ATN)
I
Melody stop when dark (CDS and CO4N)
• melody stop using an external CdS element
I
Melody stop at night (AMI and PMI)
I
Reset function
I
Chattering elimination function
PAD LAYOUT
(Unit: mm)
Chip size: 3.44
× 2.58mm
Chip thickness: 300 ± 30µm
(0,0)
(3.44, 2.58)
MT
S4
N.C.
S3
N.C.
S2
S1
N.C. O1 O2
VDD
PMI
AMI
SEL2
SEL1
WSEL
CDS
CO4N
ATN
MSB
MSBN
SPN
SP
VOL
VSS
N.C.
N.C.
N.C.
XT
XTN
N.C.
RESET


Similar Part No. - CF5762AB0

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5760 NPC-CF5760 Datasheet
96Kb / 7P
CMOS Analog Clock IC
CF5761 NPC-CF5761 Datasheet
103Kb / 10P
CMOS Analog Clock IC with Alarm Function
CF5761CA NPC-CF5761CA Datasheet
103Kb / 10P
CMOS Analog Clock IC with Alarm Function
CF5761EA NPC-CF5761EA Datasheet
103Kb / 10P
CMOS Analog Clock IC with Alarm Function
CF5761HA NPC-CF5761HA Datasheet
103Kb / 10P
CMOS Analog Clock IC with Alarm Function
More results

Similar Description - CF5762AB0

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5732EA NPC-CF5732EA Datasheet
42Kb / 6P
Analog clock CMOS IC
CF5741AA NPC-CF5741AA Datasheet
56Kb / 7P
Analog Clock CMOS IC
CF5746AAB NPC-CF5746AAB Datasheet
56Kb / 7P
CMOS Analog Clock IC
CF5750A NPC-CF5750A Datasheet
113Kb / 4P
Analog Clock CMOS IC
logo
NXP Semiconductors
PCA1070 PHILIPS-PCA1070 Datasheet
180Kb / 36P
Multistandard programmable analog CMOS transmission IC
1997 Jun 20
logo
Siemens Semiconductor G...
SAB0600 SIEMENS-SAB0600 Datasheet
286Kb / 9P
THREEE TONE CHIME SINGLE TONE CHIME DUAL TONE CHIME
logo
Nippon Precision Circui...
CF5761 NPC-CF5761 Datasheet
103Kb / 10P
CMOS Analog Clock IC with Alarm Function
logo
Systemsensor advanced i...
CH1224 SYSTEMSENSOR-CH1224 Datasheet
244Kb / 2P
Chime and Chime Strobe
logo
ELM Technology Corporat...
ELM7S66B ELM-TECH-ELM7S66B Datasheet
329Kb / 4P
CMOS LOGIC IC Analog switch
logo
Nippon Precision Circui...
CF5760 NPC-CF5760 Datasheet
96Kb / 7P
CMOS Analog Clock IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com