Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72321J7TC Datasheet(PDF) 177 Page - STMicroelectronics

Part # ST72321J7TC
Description  64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321J7TC Datasheet(HTML) 177 Page - STMicroelectronics

Back Button ST72321J7TC Datasheet HTML 173Page - STMicroelectronics ST72321J7TC Datasheet HTML 174Page - STMicroelectronics ST72321J7TC Datasheet HTML 175Page - STMicroelectronics ST72321J7TC Datasheet HTML 176Page - STMicroelectronics ST72321J7TC Datasheet HTML 177Page - STMicroelectronics ST72321J7TC Datasheet HTML 178Page - STMicroelectronics ST72321J7TC Datasheet HTML 179Page - STMicroelectronics ST72321J7TC Datasheet HTML 180Page - STMicroelectronics ST72321J7TC Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 189 page
background image
ST72321
177/189
ST72321 DEVICE CONFIGURATION AND ORDERING INFORMATION (Cont’d)
14.2 DEVICE ORDERING INFORMATION AND TRANSFER OF CUSTOMER CODE
Customer code is made up of the ROM/FAS-
TROM contents and the list of the selected options
(if any). The ROM/FASTROM contents are to be
sent on diskette, or by electronic means, with the
S19 hexadecimal file generated by the develop-
ment tool. All unused bytes must be set to FFh.
The
selected
options
are
communicated
to
STMicroelectronics using the correctly completed
OPTION LIST appended.
Refer to application note AN1635 for information
on the counter listing returned by ST after code
has been transferred. The STMicroelectronics
Sales Organization will be pleased to provide de-
tailed information on contractual points.
Caution: The Readout Protection binary value is
inverted between ROM and FLASH products. The
option byte checksum will differ between ROM and
FLASH.
Table 28. Orderable Flash Device Types
Part Number
Version
Package
Flash Memory (Kbytes)
Temp. Range
ST72F321AR6TA
Automotive
TQFP64 10 x 10
32
-40°C +85°C
ST72F321AR7TA
48
ST72F321AR9TA
60
ST72F321AR9TC
60
-40°C +125°C
ST72F321J7TA
TQFP44 10 x 10
48
-40°C +85°C
ST72F321J9TA
60
ST72F321J9TC
60
-40°C +125°C
ST72F321R6TA
TQFP64 14 x 14
32
-40°C +85°C
ST72F321R7TA
48
ST72F321R9TA
60
ST72F321R9TC
60
-40°C +125°C
ST72F321AR6T6
Standard
TQFP64 10 x 10
32
-40°C +85°C
ST72F321AR7T6
48
ST72F321AR9T6
60
ST72F321J7T6
TQFP44 10 x 10
48
ST72F321J9T6
60
ST72F321R6T6
TQFP64 14 x 14
32
ST72F321R7T6
48
ST72F321R9T6
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com