Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72321J7TC Datasheet(PDF) 178 Page - STMicroelectronics

Part # ST72321J7TC
Description  64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321J7TC Datasheet(HTML) 178 Page - STMicroelectronics

Back Button ST72321J7TC Datasheet HTML 174Page - STMicroelectronics ST72321J7TC Datasheet HTML 175Page - STMicroelectronics ST72321J7TC Datasheet HTML 176Page - STMicroelectronics ST72321J7TC Datasheet HTML 177Page - STMicroelectronics ST72321J7TC Datasheet HTML 178Page - STMicroelectronics ST72321J7TC Datasheet HTML 179Page - STMicroelectronics ST72321J7TC Datasheet HTML 180Page - STMicroelectronics ST72321J7TC Datasheet HTML 181Page - STMicroelectronics ST72321J7TC Datasheet HTML 182Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 189 page
background image
ST72321
178/189
ST72321 DEVICE CONFIGURATION AND ORDERING INFORMATION (Cont’d)
Figure 106. ROM Factory Coded Device Types
14.2.1 Version-Specific Sales Conditions
To satisfy the different customer requirements and
to ensure that ST Standard Microcontrollers will
consistently meet or exceed the expectations of
each Market Segment, the Codification System for
Standard Microcontrollers clearly distinguishes
products intended for use in automotive environ-
ments, from products intended for use in non-auto-
motive environments.
It is the responsibility of the Customer to select the
appropriate product for his application.
DEVICE PACKAGE VERSION
XXX
/
Code name (defined by STMicroelectronics)
1= 0 to +70 °C
5= -10 to +85 °C
6= -40 to +85 °C
C = -40 to +125 °C
T= Plastic Thin Quad Flat Pack
ST72321AR9, ST72321AR7, ST72321AR6,
ST72321R9, ST72321R7, ST72321R6
ST72321J9, ST72321J7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com