Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72321J7TC Datasheet(PDF) 181 Page - STMicroelectronics

Part # ST72321J7TC
Description  64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321J7TC Datasheet(HTML) 181 Page - STMicroelectronics

Back Button ST72321J7TC Datasheet HTML 177Page - STMicroelectronics ST72321J7TC Datasheet HTML 178Page - STMicroelectronics ST72321J7TC Datasheet HTML 179Page - STMicroelectronics ST72321J7TC Datasheet HTML 180Page - STMicroelectronics ST72321J7TC Datasheet HTML 181Page - STMicroelectronics ST72321J7TC Datasheet HTML 182Page - STMicroelectronics ST72321J7TC Datasheet HTML 183Page - STMicroelectronics ST72321J7TC Datasheet HTML 184Page - STMicroelectronics ST72321J7TC Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 189 page
background image
ST72321
181/189
Table 30. Suggested List of Socket Types
14.3.1
Socket
and
Emulator
Adapter
Information
For information on the type of socket that is sup-
plied with the emulator, refer to the suggested list
of sockets in Table 30.
Note: Before designing the board layout, it is rec-
ommended to check the overall dimensions of the
socket as they may be greater than the dimen-
sions of the device.
For footprint and other mechanical information
about these sockets and adapters, refer to the
manufacturer’s datasheet (www.yamaichi.de for
TQFP64 10 x 10
and www.cabgmbh.com for
TQFP64 14 x 14, www.yamaichi.de for TQFP44
10 x 10)
Related Documentation
AN 978: ST7 Visual Develop Software Key Debug-
ging Features
AN 1938: ST7 Visual Develop for ST7 Cosmic C
toolset users
AN 1939: ST7 Visual Develop for ST7 Metroworks
C toolset users
AN 1940: ST7 Visual Develop for ST7 Assembler
Linker toolset users
Device
Socket (supplied with ST7MDT20M-
EMU3)
Emulator Adapter (supplied with
ST7MDT20M-EMU3)
TQFP64 14 x14
CAB 3303262
CAB 3303351
TQFP64 10 x10
YAMAICHI IC149-064-*75-*5
YAMAICHI ICP-064-6
TQFP44 10 X10
YAMAICHI IC149-044-*52-*5
YAMAICHI ICP-044-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com