Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DCS-7060CX5-56D8-R Datasheet(PDF) 7 Page - Arista Networks, Inc

Part # DCS-7060CX5-56D8-R
Description  7060X5 Series 400/800G Data Center Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7060CX5-56D8-R Datasheet(HTML) 7 Page - Arista Networks, Inc

Back Button DCS-7060CX5-56D8-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7060CX5-56D8-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7060CX5-56D8-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7060CX5-56D8-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7060CX5-56D8-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7060CX5-56D8-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7060CX5-56D8-R Datasheet HTML 9Page - Arista Networks, Inc DCS-7060CX5-56D8-R Datasheet HTML 10Page - Arista Networks, Inc DCS-7060CX5-56D8-R Datasheet HTML 11Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7060X5 Series | Technical Speci cations
Model Comparison
7060DX5-64
7060DX5-32
7060CX5-56D8
Ports
32 x 800G QSFP-DD
2x SFP+
32 x 400G QSFP-DD
1x SFP+
56 x 100G QSFP100
8 x 400G QSFP-DD
1x SFP+
Max 800G (2x400GbE) Ports
32
-
-
Max 400GbE Ports
64
32
8
Max 200GbE Ports
128
(4x200G)
64
(2x200G)
16
Max 100GbE Ports
256
(8x100G)
128
(4x100G)
88
Max 50GbE Ports
256
128
128
Max 25GbE Ports
256
128
128
Max 10GbE Ports
256 +2
128 +1
128 +1
Throughput (FDX)
25.6 (51.2) Tbps
12.8 (25.6) Tbps
8.8 (17.6) Tbps
Packets/Second 1
10.6 Bpps
5.3 Bpps
5.3 Bpps
Latency
825 ns
825 ns
825 ns
CPU
Multi-Core x86
Multi-Core x86
Multi-Core x86
System Memory
64 Gigabytes
16 Gigabytes
16 Gigabytes
Flash Storage Memory
120 Gigabytes
120 Gigabytes
32 Gigabytes
Packet Bu er Memory
114 MB
57 MB
57 MB
10/100/1000 Mgmt Ports
1
1
1
RS-232 Serial Ports
1 (RJ-45)
1 (RJ-45)
1 (RJ-45)
USB Ports
1
1
1
Hot-swap Power Supplies
2 (1+1 redundant)
2 (1+1 redundant)
2 (1+1 redundant)
Hot-swappable Fans
3 (N+1 redundant)
3 (N+1 redundant)
3 (N+1 redundant)
Air ow Direction
Front to Rear
Front to Rear &
Rear to Front
Front to Rear &
Rear to Front
Typical/Max Power Draw 3
548 W / 1247 W
289 W / 799 W
322 W / 818 W
Size (WxHxD)
17.3 x 1.72 x 22.24 in
(43.99 x 4.37 x 56.56 cm)
17.3 x 1.72 x 23.31 in
(43.99 x 4.37 x 59.2 cm)
19 x 3.5 x 23.42
(44.5 x 8.8 x 59.5 cm)
Weight
32.2 lbs (14.6 kg)
24.4 lbs (11.06 kg)
39.2 lbs (17.8 kg)
Fan Tray
FAN-7011H-F
FAN-7011H-F/R
FAN-70112-RED/BLUE
Power Supplies
PWR-1511-AC-RED
PWR-1511-DC-RED
PWR-1511-AC-RED/BLUE
PWR-1511-DC-RED/BLUE
PWR-1512-AC-RED/BLUE
PWR-1511-DC-RED/BLUE
EOS Feature Licenses
LIC-FIX-4
LIC-FIX-3
LIC-FIX-3
Minimum EOS
4.29.1
4.32.0
TBD
1. Performance rated over operation with average packets larger than 295 bytes.
2. Rear to Front con guration only supported with 400G DACs and AOCs
3. Typical power consumption measured at 25C ambient with 50% load, excludes transceivers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com