Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DCS-7060CX5-56D8-R Datasheet(PDF) 1 Page - Arista Networks, Inc

Part # DCS-7060CX5-56D8-R
Description  7060X5 Series 400/800G Data Center Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7060CX5-56D8-R Datasheet(HTML) 1 Page - Arista Networks, Inc

  DCS-7060CX5-56D8-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7060CX5-56D8-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7060CX5-56D8-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7060CX5-56D8-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7060CX5-56D8-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7060CX5-56D8-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7060CX5-56D8-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7060CX5-56D8-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7060CX5-56D8-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
7060X5 Series 400/800G Data Center Switches
Data Sheet
Product Highlights
Performance
• 7060DX5-64E: 32x QSFP-DD 800G, 2x SFP+
• 7060DX5-64: 32x QSFP-DD 800G, 2x SFP+
• 7060PX5-64E: 32x OSFP 800G, 2x SFP+
• 7060DX5-64S: 64x QSFP-DD 400G, 2x SFP+
• 7060DX5-32: 32x QSFP-DD, 1x SFP+
• 7060CX5-56D8: 56x QSFP100, 8x QSFP-DD
400G, 1x SFP+
• Up to 25.6 terabits per second
• Up to 10.6 billion packets per second
• Wire speed L2 and L3 forwarding
• Latency from 825 ns for 400G
Data Center Optimized Design
• 64 ports of 400G QSFP-DD in 2RU
• 32 ports of 800G QSFP-DD & OSFP in 1RU
• 32 ports of 400G QSFP-DD in 1RU
• Under 14W typical per 800G port
• Over 93% e cient power supplies
• 1+1 redundant & hot-swappable power
• N+1 redundant & hot-swappable fans
• Tool less rails for simple installation
Cloud Networking Ready
• 128-way ECMP for hyperscale networks
• Dynamic Load Balancing for advanced
multi-pathing
• Advanced Congestion Management for
NVMe and AI workloads
• Flow aware tra c scheduling
• Shared 114MB Bu er with burst absorption
• Up to 128K MAC addresses
• Over 800K IPv4 Routes
• Over 500K IPv6 Routes
• DirectFlow and eAPI
Advanced Provisioning & Monitoring
• CloudVision
• Zero Touch Provisioning (ZTP)
• LANZ for microburst detection
• DANZ Advanced Mirroring for visibility
• sFlow
Overview
A key enabler in the ecosystem of ultra-high performance applications including
hyper-scale cloud computing and AI/ML clusters is 400 and 2x 400 Gigabit Ethernet.
Faster, higher capacity CPUs, specialist processors, Smart NICs, GPUs, DPUs and ash
storage enable the construction of larger clusters which require high bandwidth,
low latency, large radix networks to achieve optimal performance.
O ering up to 25.6 Tbps throughput, Arista’s 7060X5 series deliver the highest
density of 400G and 800G switching in a single chip platform. Deterministic, low
latency, line rate performance, proven layer 2 and layer 3 features, and advanced
tra c awareness, congestion handling and instrumentation provides the ideal
foundation for ultra-high performance applications with scale to match the largest
clusters’ requirements.
The 7060X5 series delivers a rich choice of port speed and density including support
for 25GbE, 50GbE, 100GbE, 200GbE, 400GbE and 800G enabling consistent network
architectures that seamlessly scale from small dedicated clusters to the needs of the
largest multi-tier networks.
Arista 7060DX5-64S:
64 x 400GbE QSFP-DD ports, 2 SFP+ ports
Arista 7060X5-64:
32 x 800G QSFP-DD or OSFP800 ports, 2 SFP+ ports
Arista 7060DX5-32:
32 x 400G QSFP-DD ports, 1 SFP+ port
Arista 7060CX5-56D8:
56 x 100G QSFP-DD, 8x 400G QSFP-DD ports, 1 SFP+ port


Similar Part No. - DCS-7060CX5-56D8-R

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
DCS-7060CX-32S ARISTA-DCS-7060CX-32S Datasheet
1Mb / 48P
7060 Series 1 RU (Gen 3) Data Center Switches
DCS-7060CX-32S ARISTA-DCS-7060CX-32S Datasheet
4Mb / 11P
7060X and 7260X Series 10/25/40/50/100G Data Center Switches
March 15, 2021
DCS-7060CX-32S-F ARISTA-DCS-7060CX-32S-F Datasheet
4Mb / 11P
7060X and 7260X Series 10/25/40/50/100G Data Center Switches
March 15, 2021
DCS-7060CX-32S-R ARISTA-DCS-7060CX-32S-R Datasheet
4Mb / 11P
7060X and 7260X Series 10/25/40/50/100G Data Center Switches
March 15, 2021
DCS-7060CX2-32S ARISTA-DCS-7060CX2-32S Datasheet
1Mb / 48P
7060 Series 1 RU (Gen 3) Data Center Switches
More results

Similar Description - DCS-7060CX5-56D8-R

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2920-400 KR-2920-400 Datasheet
46Kb / 2P
400 KHz Center Frequency
logo
CW Industries
GRS-4013A-0000 CWIND-GRS-4013A-0000 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0008 CWIND-GRS-4013A-0008_19 Datasheet
185Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0014 CWIND-GRS-4013A-0014 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0021 CWIND-GRS-4013A-0021 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0023 CWIND-GRS-4013A-0023 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013B-0001 CWIND-GRS-4013B-0001 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4023A-0012 CWIND-GRS-4023A-0012 Datasheet
181Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4023A-0019 CWIND-GRS-4023A-0019 Datasheet
185Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4023C-0007 CWIND-GRS-4023C-0007 Datasheet
179Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com