Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DCS-7060CX5-56D8-R Datasheet(PDF) 3 Page - Arista Networks, Inc

Part # DCS-7060CX5-56D8-R
Description  7060X5 Series 400/800G Data Center Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7060CX5-56D8-R Datasheet(HTML) 3 Page - Arista Networks, Inc

  DCS-7060CX5-56D8-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7060CX5-56D8-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7060CX5-56D8-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7060CX5-56D8-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7060CX5-56D8-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7060CX5-56D8-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7060CX5-56D8-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7060CX5-56D8-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7060CX5-56D8-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Maximum Flexibility for Scale Out Network Designs
• Wide choice of optics and cables for multi-speed exibility from 100G to 800G
• 128-way ECMP and 64-way MLAG for scalable designs and to balance tra c evenly across large scale multi-tier designs
• Enhanced ECMP Hashing and Load Balancing consider real-time loads and dynamically assign new and existing ows to the best link
to improve performance
• Advanced Multipathing improves congestion management by rebalancing ows in large scale cloud environments under load
• Hitless speed changes from 400G to 100G to eliminate down-time when implementing changes
Precise Data Analysis*
Arista Latency Analyzer (LANZ) is an integrated feature of EOS. LANZ provides precise real-time monitoring of micro-burst and
congestion events before they impact applications, with the ability to identify the sources and capture a ected tra c for analysis.
Advanced analytics are provided with features like bu er monitoring with con gurable thresholds, in-band path and latency
monitoring, event driven trace packets and granular time stamping.
Virtualization
Supporting next-generation virtualized data centers requires tight integration with orchestration tools and encapsulation technologies
such as VXLAN. The 7060X5 builds on the valuable tools already provided by the Arista VM Tracer suite to integrate directly into
encapsulated environments. O ering a wire-speed gateway between VXLAN and traditional L2/3 environments, they make integration
of non-VXLAN aware devices including servers, rewalls and load-balancers seamless and provide the ability to leverage VXLAN as a
standards based L2 extension technology for non-MPLS environments.
AI Analyzer *
Traditional software-based tra c counters do not lend themselves to examine AI/ML tra c patterns, which exhibit unique ramp up
behavior in very short intervals of time. The AI Analyzer is a hardware capability that enables the collection of ECMP member utilization
data, aggregated over extremely short periods of time. This allows the Arista 7060X5 series to e ectively analyze the tra c patterns,
with a time interval as granular as 100 microseconds. The results of such an analysis can then be applied to ne tune dynamic load
balancing workloads uniformly across the ECMP member links, which is a key requirement for AI/ML applications.
CloudVision
CloudVision is a network-wide approach for workload orchestration and work ow automation as a turnkey solution for Cloud
Networking. CloudVision extends the EOS publish subscribe architectural approach across the network for state, topology, monitoring
and visibility. This enables enterprises to move to cloud-class automation without needing any signi cant internal development.
EOS Licensing
Arista 7060X5 Series with EOS and CloudVision, is designed to provide exibility both in the choice of the appropriate feature
functionality and in the software consumption model. The base feature set of Arista EOS comes bundled with the Arista products and
systems. A set of feature licenses are available to enable additional functionality in advanced feature sets. The traditional licensing
procurement model employs a perpetual term for the right to use the feature, set at a xed price. For Arista CloudVision the
functionality is available as a monthly subscription, for an agreed upon term.
Automation/Visibility
CloudVision is the most complete o ering for advanced automation and visibility. Arista also o ers subsets of CloudVision Lite, for entry-
level GUI functionality. CloudVision is o ered as an on-premises appliance (virtual or physical appliance) or as a SaaS-based software
application that is fully managed by Arista. The EOS V2 license includes capability to run custom extensions natively or via containers in
EOS. In addition, the V2 license gives customers an option of integrating with Arista’s best of breed ecosystem for security, analytics,
visibility, and other use-cases.
Arista Optics and Cables
The Arista 7060X5 Series supports a wide range of 10G, 25G, 50G, 100G, 200G, 400G and 2x400G pluggable optics and cables in the
QSFP-DD ports. For details about the di erent optical modules and the minimum EOS Software release required for each of the
supported optical modules, visit https://www.arista.com/en/products/transceivers-cables
7060X5 Series | Platform Overview
* Not currently supported in EOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com