Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DCS-7060CX5-56D8-R Datasheet(PDF) 2 Page - Arista Networks, Inc

Part # DCS-7060CX5-56D8-R
Description  7060X5 Series 400/800G Data Center Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7060CX5-56D8-R Datasheet(HTML) 2 Page - Arista Networks, Inc

  DCS-7060CX5-56D8-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7060CX5-56D8-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7060CX5-56D8-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7060CX5-56D8-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7060CX5-56D8-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7060CX5-56D8-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7060CX5-56D8-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7060CX5-56D8-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7060CX5-56D8-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Arista EOS
The Arista 7060X5 series run the same Arista EOS software as all Arista products, simplifying network administration. Arista EOS is a
modular switch operating system with a unique state sharing architecture that cleanly separates switch state from protocol processing
and application logic. Built on top of a standard Linux kernel, all EOS processes run in their own protected memory space and exchange
state through an in-memory database. This multi-process state sharing architecture provides the foundation for in-service-software
updates and self-healing resiliency.
7060X5 Series | Platform Overview
Model Overview
The Arista 7060X5 series o ers high density 800G and 400G in a compact form factors. The systems deliver the highest performance of
25.6 Tbps combined with feature rich layer 2 and layer 3 forwarding, suited for both leaf, or xed con guration spine deployment in
modern large scale networks addressing the challenges of increasing network capacity and e ciency through lower power, enhanced
automation and advances in scalability.
The 7060DX5-64S delivers 64 400G ports in a 2RU system with an overall throughput of 25.6 Tbps. The 7060DX5-64S supports QSFP-
DD interfaces supporting industry standard optics and cables allowing for ease of migration to 400G. All ports allow a choice of speeds
including 400GbE, 200GbE or 100GbE, up to 256 interfaces.
The 7060DX5-64, 7060DX5-64E and 7060PX5-64E deliver 32 800G ports in a 1RU system with an overall throughput of 25.6 Tbps.
The 7060DX5-64E and 7060PX5-64E supports QSFP-DD and OSFP 800G interfaces supporting industry standard optics and cables
allowing for ease of migration to 2x400G. All ports allow a choice of speeds including 2x400GbE, 400GbE, 200GbE or 100GbE interfaces.
The 7060DX5-32 delivers 32 400G ports in a 1RU system with an overall throughput of 12.8 Tbps. The 7060DX5-32 supports QSFP-DD
interfaces supporting industry standard optics and cables allowing for ease of migration to 400G. All ports allow a choice of speeds
including 400GbE, 200GbE or 100GbE, up to 128 interfaces.
The 7060CX5-56D8 delivers 56 100G ports and 8 400G ports in a 2RU system with an overall throughput of 8.8 Tbps. The
7060CX5-56D8 supports QSFP-DD interfaces supporting industry standard optics and cables allowing for ease of migration to 400G.
Ports allow a choice of speeds including 400GbE (on the QSFP-DD ports) or 100GbE or 25GbE (on the QSFP100 ports) up to 128
interfaces.
Arista 7060DX5-64S:
64 x 400GbE QSFP-DD ports, 2 SFP+ ports
Arista 7060X5-64:
32 x 800G QSFP-DD & OSFP ports, 2 SFP+ ports
Arista 7060DX5-32:
32 x 400G QSFP-DD ports, 1 SFP+ port
Arista 7060X5 2RU Rear View: Front to Rear air ow (red)
AC Powered
Arista 7060X5 1RU Rear View: Front to Rear air ow (red)
AC Powered
2U Hot swap fan modules
2.4kW Hot swap power supplies
1500W Hot swap power supplies
1U Hot swap fan modules



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com