Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1643T-I/MS Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP1643T-I/MS
Description  1 MHz Low Start-up Voltage Synchronous Boost LED Constant Current Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1643T-I/MS Datasheet(HTML) 5 Page - Microchip Technology

  MCP1643T-I/MS Datasheet HTML 1Page - Microchip Technology MCP1643T-I/MS Datasheet HTML 2Page - Microchip Technology MCP1643T-I/MS Datasheet HTML 3Page - Microchip Technology MCP1643T-I/MS Datasheet HTML 4Page - Microchip Technology MCP1643T-I/MS Datasheet HTML 5Page - Microchip Technology MCP1643T-I/MS Datasheet HTML 6Page - Microchip Technology MCP1643T-I/MS Datasheet HTML 7Page - Microchip Technology MCP1643T-I/MS Datasheet HTML 8Page - Microchip Technology MCP1643T-I/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
 2013-2023 Microchip Technology Inc. and its subsidiaries
DS20005208B-page 5
MCP1643
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VIN = EN = 1.2V, COUT =20µF, CIN =10µF, L = 4.7µH, ILED =25mA, TA = +25°C,
MSOP-8 package.
FIGURE 2-1:
One White LED ILED vs. VIN.
FIGURE 2-2:
One Red LED ILED vs. VIN.
FIGURE 2-3:
Two Series Connection Red
LEDs ILED vs. VIN.
FIGURE 2-4:
One White LED Efficiency
vs. ILED.
FIGURE 2-5:
One Red LED Efficiency vs.
ILED.
FIGURE 2-6:
Two Red LEDs Efficiency (in
Series Connection) vs. ILED.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and, therefore, outside the warranted range.
0
50
100
150
200
250
300
350
400
450
500
0.6
0.9
1.2
1.5
1.8
2.1
2.4
Input Voltage (V)
R
SET = 5
R
SET = 1.2
R
SET = 0.82
R
SET = 0.41
R
SET = 0.25
LED V
F = 3.5V @ IF = 700 mA
0
25
50
75
100
125
150
175
200
225
250
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
Input Voltage (V)
R
SET = 5
LED V
F = 2.5V @ IF = 350 mA
R
SET = 1.2
R
SET = 0.82
0
50
100
150
200
250
300
350
0.6
0.9
1.2
1.5
1.8
2.1
2.4
Input Voltage (V)
R
SET = 5
R
SET = 1.2
R
SET = 0.82
R
SET = 0.41
LED V
F = 2.5V @ IF = 350 mA
60
65
70
75
80
85
90
95
100
10
100
1000
I
LED (mA)
V
IN = 1.2V
V
IN = 1.8V
V
IN = 2.4V
70
75
80
85
90
95
100
10
100
1000
I
LED (mA)
V
IN = 1.2V
V
IN = 1.8V
V
IN = 2.4V
50
55
60
65
70
75
80
85
90
95
100
10
100
1000
I
LED (mA)
V
IN = 3.0V
V
IN = 2.4V
V
IN = 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com