Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1643T-I/MS Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP1643T-I/MS
Description  1 MHz Low Start-up Voltage Synchronous Boost LED Constant Current Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1643T-I/MS Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP1643T-I/MS Datasheet HTML 3Page - Microchip Technology MCP1643T-I/MS Datasheet HTML 4Page - Microchip Technology MCP1643T-I/MS Datasheet HTML 5Page - Microchip Technology MCP1643T-I/MS Datasheet HTML 6Page - Microchip Technology MCP1643T-I/MS Datasheet HTML 7Page - Microchip Technology MCP1643T-I/MS Datasheet HTML 8Page - Microchip Technology MCP1643T-I/MS Datasheet HTML 9Page - Microchip Technology MCP1643T-I/MS Datasheet HTML 10Page - Microchip Technology MCP1643T-I/MS Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
 2013-2023 Microchip Technology Inc. and its subsidiaries
DS20005208B-page 7
MCP1643
Note: Unless otherwise indicated, VIN = EN = 1.2V, COUT =20µF, CIN =10µF, L = 4.7µH, ILED =25mA, TA = +25°C,
MSOP-8 package.
FIGURE 2-13:
Start-up After Enable.
FIGURE 2-14:
100 mA PWM Operation.
FIGURE 2-15:
400 Hz PWM Dimming,
85% Duty Cycle.
FIGURE 2-16:
Start-up when VIN =VEN.
FIGURE 2-17:
400 Hz PWM Dimming,
15% Duty Cycle.
FIGURE 2-18:
Open Load Response.
VEN
80 us/div
1V/div
VIN
ILED
20 mA/div
1V/div
20 mV/div, AC Coupled
VOUT
1V/div
VSW
ILED
100 mA/div
1us/div
ILED
50 mA/div
1V/div
VSW
1V/div
VEN
400 us/div
80 us/div
500 mA/div
IL
1V/div
VIN
ILED
20 mA/div
ILED
50 mA/div
1V/div
VSW
1V/div
VEN
400 us/div
10 ms/div
2V/div
100 mA/div
VOUT
ILED
ILED Step from 100 mA to Open Load
VOUT Step from 2V to 5V
VSW
2V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com