Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1643T-I/MS Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1643T-I/MS
Description  1 MHz Low Start-up Voltage Synchronous Boost LED Constant Current Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1643T-I/MS Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1643T-I/MS Datasheet HTML 9Page - Microchip Technology MCP1643T-I/MS Datasheet HTML 10Page - Microchip Technology MCP1643T-I/MS Datasheet HTML 11Page - Microchip Technology MCP1643T-I/MS Datasheet HTML 12Page - Microchip Technology MCP1643T-I/MS Datasheet HTML 13Page - Microchip Technology MCP1643T-I/MS Datasheet HTML 14Page - Microchip Technology MCP1643T-I/MS Datasheet HTML 15Page - Microchip Technology MCP1643T-I/MS Datasheet HTML 16Page - Microchip Technology MCP1643T-I/MS Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
 2013-2023 Microchip Technology Inc. and its subsidiaries
DS20005208B-page 13
MCP1643
5.6
Inductor Selection
The MCP1643 device is designed to be used with small
surface mount inductors. An inductance value of
4.7 µH is recommended to achieve a good balance
between the inductor size, converter load transient
response and minimized noise.
Several parameters are used to select the correct
inductor:
• maximum-rated current
• saturation current
• copper resistance (ESR)
For boost converters, the inductor current can be much
higher than the output current. The lower the inductor
ESR, the higher the efficiency of the converter, a com-
mon trade-off in size versus efficiency.
The saturation current typically specifies a point at
which the inductance has rolled off a percentage of the
rated value. This can range from a 20% to 40%
reduction in inductance. As the inductance rolls off, the
inductor ripple current increases, as does the peak
switch current. It is important to keep the inductance
from rolling off too much, causing switch current to
reach the peak limit.
5.7
Thermal Calculations
The MCP1643 is available in two different packages:
MSOP-8 and 2 mm x 3 mm DFN-8. By calculating the
power dissipation and applying the package thermal
resistance (
JA), the junction temperature is estimated.
The maximum continuous ambient temperature rating
for the MCP1643 family of devices is +85°C.
To quickly estimate the internal power dissipation for
the switching boost regulator, an empirical calculation
using measured efficiency can be used. Given the
measured efficiency, the internal power dissipation is
estimated by Equation 5-2:
EQUATION 5-2:
The difference between the first term, input power, and
the second term, power delivered, is the internal
MCP1643’s power dissipation. This is an estimate
assuming that most of the power lost is internal to the
MCP1643 device and not CIN, COUT and the inductor.
There is some percentage of power lost in the boost
inductor, with very little loss in the input and output
capacitors. For a more accurate estimation of the inter-
nal power dissipation, subtract the IINRMS2 xLDCR
power dissipation.
5.8
PCB Layout Information
Good printed circuit board layout techniques are
important to any switching circuitry, and switching
power supplies are no different. When wiring the
switching high current paths, short and wide traces
should be used. For the MCP1643, these paths are
from VIN pin to the VOUT, output capacitor, LED load,
RSET sense resistor, and SGND and PGND pins to the
input capacitor. Therefore, it is important that the input
and output capacitors be placed as close as possible to
the MCP1643, to minimize the loop area.
The feedback track should be routed away from the
switching node and close to the VFB pin. RSET must be
connected as close as possible to the VFB pin, unless
regulation issues appears. When possible, ground
planes and traces should be used to help shield the
feedback signal and minimize noise and magnetic
interference.
TABLE 5-1:
MCP1643 RECOMMENDED
INDUCTORS
Part Number
Value
(µH)
DCR
(
– typ)
ISAT
(A)
Size
WxLxH
(mm)
Wurth® Group
744025004
4.7
0.100
1.7
2.8x2.8x2.8
744042004
4.7
0.070
1.65 4.8x4.8x1.8
Coilcraft
ME3220
4.7
0.190
1.5
2.5x3.2x2.0
LPS4018
4.7
0.125
1.9
4x4x1.8
XFL4020
4.7
0.052
2.7
4x4x2.1
TDK Corporation
B82462 G4472M
4.7
0.035
2.2
6x6x3
B82462 A4472M
4.7
0.055
3.2
6x6x3
SLF6028-
4R7M1R6
4.7
0.028
1.6
6x6x2.8
VOUT IOUT
Efficiency
-------------------------------------


VOUT IOUT

–
PDis
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com