Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1643T-I/MS Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP1643T-I/MS
Description  1 MHz Low Start-up Voltage Synchronous Boost LED Constant Current Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1643T-I/MS Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP1643T-I/MS Datasheet HTML 12Page - Microchip Technology MCP1643T-I/MS Datasheet HTML 13Page - Microchip Technology MCP1643T-I/MS Datasheet HTML 14Page - Microchip Technology MCP1643T-I/MS Datasheet HTML 15Page - Microchip Technology MCP1643T-I/MS Datasheet HTML 16Page - Microchip Technology MCP1643T-I/MS Datasheet HTML 17Page - Microchip Technology MCP1643T-I/MS Datasheet HTML 18Page - Microchip Technology MCP1643T-I/MS Datasheet HTML 19Page - Microchip Technology MCP1643T-I/MS Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
MCP1643
DS20005208B-page 16
 2013-2023 Microchip Technology Inc. and its subsidiaries
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
8-Lead MSOP
Example
1643I
233256
8-Lead DFN (2 x 3 x 0.9 mm)
Example
AKF
233
25
Part Number
Code
MCP1643-I/MC
AKF
MCP1643T-I/MC
AKF
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
RoHS Compliant JEDEC designator for Matte Tin (Sn)
*
This package is RoHS Compliant. The RoHS Compliant
JEDEC designator (
) can be found on the outer packaging
for this package.
●, ▲, ▼ Pin one index is identified by a dot, delta up or delta down (triangle mark).
Note:
In the event the full Microchip part number cannot be marked on one line, it will be car-
ried over to the next line, thus limiting the number of available characters for customer-
specific information.
3
e
3
e
Part Number
Code
MCP1643-I/MS
1643I
MCP1643T-I/MS
1643I
MCP1643-I/MSVAO
1643I
MCP1643T-I/MSVAO
1643I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com