Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72324BK Datasheet(PDF) 78 Page - STMicroelectronics

Part # ST72324BK
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK Datasheet(HTML) 78 Page - STMicroelectronics

Back Button ST72324BK Datasheet HTML 74Page - STMicroelectronics ST72324BK Datasheet HTML 75Page - STMicroelectronics ST72324BK Datasheet HTML 76Page - STMicroelectronics ST72324BK Datasheet HTML 77Page - STMicroelectronics ST72324BK Datasheet HTML 78Page - STMicroelectronics ST72324BK Datasheet HTML 79Page - STMicroelectronics ST72324BK Datasheet HTML 80Page - STMicroelectronics ST72324BK Datasheet HTML 81Page - STMicroelectronics ST72324BK Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 188 page
background image
On-chip peripherals
ST72324B
78/188
Figure 43.
Output compare block diagram
Figure 44.
Output compare timing diagram, fTIMER =fCPU/2
Figure 45.
Output compare timing diagram, fTIMER =fCPU/4
Output compare
16-bit
circuit
OC1R register
16-bit free running counter
OC1E
CC0
CC1
OC2E
OLVL1
OLVL2
OCIE
(Control Register 1) CR1
(Control Register 2) CR2
0
0
0
OCF2
OCF1
(Status register) SR
16-bit
16-bit
OCMP1
OCMP2
Latch
1
Latch
2
OC2R register
Pin
Pin
FOLV2FOLV1
Internal CPU clock
Timer clock
Counter register
Output Compare register i (OCRi)
Output Compare flag i (OCFi)
OCMPi pin (OLVLi =1)
2ED3
2ED0
2ED1 2ED2
2ED3 2ED4
2ECF
Internal CPU clock
Timer clock
Counter register
Output Compare register i (OCRi)
2ED3
2ED0
2ED1 2ED2
2ED3 2ED4
2ECF
Output Compare flag i (OCFi)
OCMPi pin (OLVLi =1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com