Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6X2X Datasheet(PDF) 25 Page - Microchip Technology

Part # PIC18F6X2X
Description  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6X2X Datasheet(HTML) 25 Page - Microchip Technology

Back Button PIC18F6X2X Datasheet HTML 21Page - Microchip Technology PIC18F6X2X Datasheet HTML 22Page - Microchip Technology PIC18F6X2X Datasheet HTML 23Page - Microchip Technology PIC18F6X2X Datasheet HTML 24Page - Microchip Technology PIC18F6X2X Datasheet HTML 25Page - Microchip Technology PIC18F6X2X Datasheet HTML 26Page - Microchip Technology PIC18F6X2X Datasheet HTML 27Page - Microchip Technology PIC18F6X2X Datasheet HTML 28Page - Microchip Technology PIC18F6X2X Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 386 page
background image
 2003 Microchip Technology Inc.
Advance Information
DS39612A-page 23
PIC18F6X2X/8X2X
2.4
External Clock Input
The EC, ECIO, EC+PLL and EC+SPLL Oscillator
modes require an external clock source to be con-
nected to the OSC1 pin. The feedback device between
OSC1 and OSC2 is turned off in these modes to save
current. There is a maximum 1.5
µs start-up required
after a Power-on Reset or Wake-up from SLEEP mode.
In the EC Oscillator mode, the oscillator frequency
divided by 4 is available on the OSC2 pin. This signal
may be used for test purposes or to synchronize other
logic. Figure 2-4 shows the pin connections for the EC
Oscillator mode.
FIGURE 2-4:
EXTERNAL CLOCK INPUT
OPERATION
(EC CONFIGURATION)
The ECIO Oscillator mode functions like the EC mode
except that the OSC2 pin becomes an additional gen-
eral purpose I/O pin. The I/O pin becomes bit 6 of
PORTA (RA6). Figure 2-5 shows the pin connections
for the ECIO Oscillator mode.
FIGURE 2-5:
EXTERNAL CLOCK INPUT
OPERATION
(ECIO CONFIGURATION)
2.5
Phase Locked Loop (PLL)
A phase locked loop circuit is provided as a
programmable option for users that want to multiply the
frequency of the incoming oscillator signal by 4. For an
input clock frequency of 10 MHz, the internal clock
frequency will be multiplied to 40 MHz. This is useful for
customers who are concerned with EMI due to high
frequency crystals.
The PLL can only be enabled when the oscillator con-
figuration bits are programmed for High Speed Oscilla-
tor or External Clock mode. If they are programmed for
any other mode, the PLL is not enabled and the system
clock will come directly from OSC1. There are two
types of PLL modes - Software Controlled PLL and
Configuration bits Controlled PLL. In Software Con-
trolled PLL mode, PIC18F6X2X/8X2X executes at reg-
ular clock frequency after all RESET conditions. During
execution, the application can enable PLL and switch
to 4x clock frequency operation by setting the PLLEN
bit in the OSCCON register. In Configuration bits Con-
trolled PLL, the PLL operation cannot be changed “on-
the-fly”. To enable or disable it, the controller must
either cycle through a Power-on Reset, or switch the
clock source from the main oscillator to the Timer1
oscillator and back again (see Section 2.6 for details on
oscillator switching).
The type of PLL is selected by programming
FOSC<3:0> configuration bits in CONFIG1H Configura-
tion register. The Oscillator mode is specified during
device programming.
A PLL lock timer is used to ensure that the PLL has
locked before device execution starts. The PLL lock
timer has a time-out that is called TPLL.
FIGURE 2-6:
PLL BLOCK DIAGRAM
OSC1
OSC2
FOSC/4
Clock from
Ext. System
PIC18F6X2X/8X2X
OSC1
I/O (OSC2)
RA6
Clock from
Ext. System
PIC18F6X2X/8X2X
VCO
Loop
Filter
Divide by 4
PLL Enable
FIN
FOUT
SYSCLK
Phase
Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com