Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6X2X Datasheet(PDF) 120 Page - Microchip Technology

Part # PIC18F6X2X
Description  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6X2X Datasheet(HTML) 120 Page - Microchip Technology

Back Button PIC18F6X2X Datasheet HTML 116Page - Microchip Technology PIC18F6X2X Datasheet HTML 117Page - Microchip Technology PIC18F6X2X Datasheet HTML 118Page - Microchip Technology PIC18F6X2X Datasheet HTML 119Page - Microchip Technology PIC18F6X2X Datasheet HTML 120Page - Microchip Technology PIC18F6X2X Datasheet HTML 121Page - Microchip Technology PIC18F6X2X Datasheet HTML 122Page - Microchip Technology PIC18F6X2X Datasheet HTML 123Page - Microchip Technology PIC18F6X2X Datasheet HTML 124Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 386 page
background image
PIC18F6X2X/8X2X
DS39612A-page 118
Advance Information
 2003 Microchip Technology Inc.
TABLE 10-9:
PORTE FUNCTIONS
TABLE 10-10: SUMMARY OF REGISTERS ASSOCIATED WITH PORTE
Name
Bit#
Buffer Type
Function
RE0/AD8/RD/P2D
bit 0
ST/TTL(1)
Input/output port pin, address/data bit 8, Read control for parallel slave
port, or Enhanced PWM2 output P2D
For RD (PSP Control mode):
1
= Not a read operation
0
= Read operation, reads PORTD register (if chip selected)
RE1/AD9/WR/P2C
bit 1
ST/TTL(1)
Input/output port pin, address/data bit 9, Write control for parallel slave
port, or Enhanced PWM2 output P2C
For WR (PSP Control mode):
1
= Not a write operation
0
= Write operation, writes PORTD register (if chip selected)
RE2/AD10/CS/P2B
bit 2
ST/TTL(1)
Input/output port pin, address/data bit 10, Chip Select control for
parallel slave port, or Enhanced PWM2 output P2B
For CS (PSP Control mode):
1
= Device is not selected
0
= Device is selected
RE3/AD11/P3C(2)
bit 3
ST/TTL(1)
Input/output port pin, address/data bit 11 or Enhanced PWM3
output P3C.
RE4/AD12/P3B(2)
bit 4
ST/TTL(1)
Input/output port pin, address/data bit 12 or Enhanced PWM3
output P3B.
RE5/AD13/P1C(2)
bit 5
ST/TTL(1)
Input/output port pin, address/data bit 13 or Enhanced PWM1
output P1C.
RE6/AD14/P1B(2)
bit 6
ST/TTL(1)
Input/output port pin, address/data bit 14 or Enhanced PWM1
output P1B.
RE7/AD15/CCP2(3)/
P2A(3)
bit 7
ST/TTL(1)
Input/output port pin, address/data bit 15, Capture2 input/Compare2
output/PWM output or Enhanced PWM output P2A.
Legend:
ST = Schmitt Trigger input, TTL = TTL input
Note 1:
Input buffers are Schmitt Triggers when in I/O or CCP/ECCP modes, and TTL buffers when in System Bus
or PSP Control modes.
2:
Valid for all PIC18F6X2X devices and PIC18F8X2X devices when ECCPMX is set. Alternate assignments
for P1B/P1C/P3B/P3C are RH7, RH6, RH5 and RH4, respectively.
3:
Valid for all PIC18F6X2X devices and PIC18F8X2X devices in Microcontroller mode when CCP2MX is not
set. RC1 is the default assignment for CCP2/P2A for all devices in Microcontroller mode when CCP2MX is
set; RB3 is the alternate assignment for PIC18F8X2X devices in operating modes except Microcontroller
mode when CCP2MX is not set.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on
all other
RESETS
TRISE
PORTE Data Direction Control Register
1111 1111
1111 1111
PORTE
Read PORTE pin/Write PORTE Data Latch
xxxx xxxx
uuuu uuuu
LATE
Read PORTE Data Latch/Write PORTE Data Latch
xxxx xxxx
uuuu uuuu
MEMCON
EBDIS
—
WAIT1
WAIT0
—
—
WM1
WM0
0-00 --00
0000 --00
PSPCON
IBF
OBF
IBOV
PSPMODE
—
—
—
—
0000 ----
0000 ----
Legend:
x
= unknown, u = unchanged. Shaded cells are not used by PORTE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com