Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6X2X Datasheet(PDF) 134 Page - Microchip Technology

Part # PIC18F6X2X
Description  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6X2X Datasheet(HTML) 134 Page - Microchip Technology

Back Button PIC18F6X2X Datasheet HTML 130Page - Microchip Technology PIC18F6X2X Datasheet HTML 131Page - Microchip Technology PIC18F6X2X Datasheet HTML 132Page - Microchip Technology PIC18F6X2X Datasheet HTML 133Page - Microchip Technology PIC18F6X2X Datasheet HTML 134Page - Microchip Technology PIC18F6X2X Datasheet HTML 135Page - Microchip Technology PIC18F6X2X Datasheet HTML 136Page - Microchip Technology PIC18F6X2X Datasheet HTML 137Page - Microchip Technology PIC18F6X2X Datasheet HTML 138Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 386 page
background image
PIC18F6X2X/8X2X
DS39612A-page 132
Advance Information
 2003 Microchip Technology Inc.
FIGURE 10-26:
PARALLEL SLAVE PORT READ WAVEFORMS
TABLE 10-19: REGISTERS ASSOCIATED WITH PARALLEL SLAVE PORT
Q1
Q2
Q3
Q4
CS
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
WR
IBF
PSPIF
RD
OBF
PORTD<7:0>
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
RESETS
PORTD
Port Data Latch when written; Port pins when read
xxxx xxxx
uuuu uuuu
LATD
LATD Data Output bits
xxxx xxxx
uuuu uuuu
TRISD
PORTD Data Direction bits
1111 1111
1111 1111
PORTE
—
—
—
—
—
Read PORTE pin/
Write PORTE Data Latch
0000 0000
0000 0000
LATE
—
—
—
—
—
LATE Data Output bits
xxxx xxxx
uuuu uuuu
TRISE
—
—
—
—
—
PORTE Data Direction bits
1111 1111
1111 1111
PSPCON
IBF
OBF
IBOV
PSPMODE
—
—
—
—
0000 ----
0000 ----
INTCON
GIE/GIEH PEIE/GIEL
TMR0IF
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 0000
0000 0000
PIR1
PSPIF(1)
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
0000 0000
0000 0000
PIE1
PSPIE(1)
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
0000 0000
0000 0000
IPR1
PSPIP(1)
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
1111 1111
1111 1111
Legend:
x
= unknown, u = unchanged, - = unimplemented, read as ‘0’. Shaded cells are not used by the parallel slave port.
Note
1:
Enabled only in Microcontroller mode for PIC18F8X2X devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com