Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC440EP-3PBFFFCX Datasheet(PDF) 15 Page - Applied Micro Circuits Corporation

Part # PPC440EP-3PBFFFCX
Description  Power PC 440EP Embedded Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440EP-3PBFFFCX Datasheet(HTML) 15 Page - Applied Micro Circuits Corporation

Back Button PPC440EP-3PBFFFCX Datasheet HTML 11Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 12Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 13Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 14Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 15Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 16Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 17Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 18Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 19Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 84 page
background image
AMCC Proprietary
15
440EP – PPC440EP Embedded Processor
Data Sheet
Revision 1.26 – April 25, 2007
General Purpose Timers (GPT)
Provides a separate time base counter and additional system timers in addition to those defined in the processor
core.
Features include:
• 32-bit Time Base Counter driven by the OPB bus clock
• Seven 32-bit compare timers
General Purpose IO (GPIO) Controller
• Controller functions and GPIO registers are programmed and accessed via memory-mapped OPB bus master
accesses.
• 64 GPIOs are multiplexed with other functions. DCRs control whether a particular pin that has GPIO
capabilities acts as a GPIO or is used for another purpose.
• Each GPIO output is separately programmable to emulate an open drain driver (that is, drives to zero,
tri-stated if output bit is 1).
Universal Interrupt Controller (UIC)
Two Universal Interrupt Controllers (UIC) are employed. They provide control, status, and communications
necessary between the external and internal sources of interrupts and the on-chip PowerPC processor.
Note: Processor specific interrupts (for example, page faults) do not use UIC resources.
Features include:
• 10 external interrupts
• Edge triggered or level-sensitive
• Positive or negative active
• Non-critical or critical interrupt to the on-chip processor core
• Programmable interrupt priority ordering
• Programmable critical interrupt vector for faster vector processing
JTAG
Features include:
• IEEE 1149.1 Test Access Port
• IBM RISCWatch Debugger support
• JTAG Boundary Scan Description Language (BSDL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com