Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC440EP-3PBFFFCX Datasheet(PDF) 56 Page - Applied Micro Circuits Corporation

Part # PPC440EP-3PBFFFCX
Description  Power PC 440EP Embedded Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440EP-3PBFFFCX Datasheet(HTML) 56 Page - Applied Micro Circuits Corporation

Back Button PPC440EP-3PBFFFCX Datasheet HTML 52Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 53Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 54Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 55Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 56Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 57Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 58Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 59Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 60Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 84 page
background image
56
AMCC Proprietary
440EP – PPC440EP Embedded Processor
Revision 1.26 – April 25, 2007
Data Sheet
NAND Flash Interface
NFALE
Address Latch Enable.
O
Multiplex
NFCE0:3
Chip Enable (multiplexed with the PerCS0:3 signals).
O
Multiplex
NFCLE
Command Latch Enable.
O
Multiplex
NFRdyBusy
Ready/Busy.
Indicates status of device during program erase or page read.
This signal is wire-or connected from all NAND Flash devices.
I
Multiplex
NFREn
Read Enable strobe.
O
Multiplex
NFWEn
Write Enable strobe.
O
Multiplex
Serial Peripheral Interface
SCPClkOut
Clock output.
SCPClkOut, the serial port master clock out, is used to
synchronize all data movement both into and out of the device
through the serial data ports. Normally, data is shifted out on
the rising edge of the clock and shifted in on the negative
edge.
SCPClkOut is also used to shift data into and out of the slave
device. When the SPMODE register is reset, SCPClkOut is
forced to 0.
O3.3V LVTTL
SCPDI
Data In.
Data is received from the connected slave device and is
captured synchronously with SysClk.
I3.3V LVTTL
SCPDO
Data output.
Data is sent to the connected slave device synchronously with
SysClk.
O3.3V LVTTL
Interrupts Interface
IRQ0:4
External interrupt requests 0 through 4.
I/O
3.3V LVTTL
1, 5
IRQ5
External interrupt request 5.
I
3.3V tolerant
2.5V CMOS
1
IRQ6:9
External interrupt requests 6 through 9.
I/O
3.3V LVTTL
1
JTAG Interface
TCK
Test Clock.
I
3.3V LVTTL
w/pull-up
1
TDI
Test Data In.
I
3.3V LVTTL
w/pull-up
4
TDO
Test Data Out.
O
3.3V LVTTL
TMS
Test Mode Select.
I
3.3V LVTTL
w/pull-up
1
TRST
Test Reset.
I
3.3V LVTTL
w/pull-up
5
Table 6. Signal Functional Description (Sheet 7 of 9)
Notes:
1. Receiver input has hysteresis
2. Must pull up (recommended value is 3k
Ω to 3.3V)
3. Must pull down (recommended value is 1k
Ω)
4. If not used, must pull up (recommended value is 3k
Ω to 3.3V)
5. If not used, must pull down (recommended value is 1k
Ω)
6. Strapping input during reset; pull-up or pull-down required
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com