Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC440EP-3PBFFFCX Datasheet(PDF) 81 Page - Applied Micro Circuits Corporation

Part # PPC440EP-3PBFFFCX
Description  Power PC 440EP Embedded Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440EP-3PBFFFCX Datasheet(HTML) 81 Page - Applied Micro Circuits Corporation

Back Button PPC440EP-3PBFFFCX Datasheet HTML 76Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 77Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 78Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 79Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 80Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 81Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 82Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 83Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 84Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 81 / 84 page
background image
AMCC Proprietary
81
440EP – PPC440EP Embedded Processor
Data Sheet
Revision 1.26 – April 25, 2007
Revision Log
Date
Version
Contents of Modification
08/21/2003
Initial creation of document.
09/22/2003
Misc. updates and corrections.
10/07/2003
Misc. updates and corrections.
10/13/2003
Add I/O timing.
10/31/2003
Miscellaneous updates.
11/03/2003
Correct initialization strapping pins and response IIC interface.
11/25/2003
Correct OVDD and SVDD pin assignments.
12/15/2003
Delete heat sink mounting information placeholders and remove Confidential status.
12/19/2003
Restore Confidential status.
01/12/2004
Update DDR SDRAM interface timing section.
03/15/2004
Correct MemClkOut0 pin assignment.
Correct SDRAM PLL voltage.
Add Note 6 to UARTn_CTS signal.
Correct SDRAM I/O worst case spec temperature.
Change 333MHz to 400MHz.
04/7/2004
Correct label on Ethernet transmit signals.
09/2/2004
Convert to AMCC format.
09/8/2004
Modify headers to flip between left and right pages like the footers.
Change part numbers to AMCC part numbers.
Remove Confidential status, again
09/28/2004
Add USB clock frequency numbers.
Number table and figure captions.
10/06/2004
Correct USB block diagram and description.
Update formatting and PDF book marking.
10/12/2004
Add missing DDR SDRAM timing data.
10/28/2004
Miscellaneous updates.
11/18/2004
Add RejectPkt signal to pin Y25. Issue 31
Corrected numbering on PCIReq signal. Issue 30
Added notes to USB signals to correctly define required pull-ups and pull-downs. Issue 20
Correct typo on voltage specification for SAVDD in the DC Power Supply Loads table. Issue 9
Misc. typo corrections. Issue 29
11/19/2004
Change bootstrap option numbers to letters and add two options.
11/22/2004
Correct bootstrap pin settings to match new letter designations.
12/17/2004
Add Revision B part numbers for both leaded and lead-free packages and tape-and-reel
shipping.
01/18/2005
Add input capacitance values.
Update and add missing voltage supply currents.
01/31/2005
Update DDR SDRAM timing.
02/08/2005
Change circuit type info for some system interface signals and move RejectPkt to the Ethernet
group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com