Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC440EP-3PBFFFCX Datasheet(PDF) 58 Page - Applied Micro Circuits Corporation

Part # PPC440EP-3PBFFFCX
Description  Power PC 440EP Embedded Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440EP-3PBFFFCX Datasheet(HTML) 58 Page - Applied Micro Circuits Corporation

Back Button PPC440EP-3PBFFFCX Datasheet HTML 54Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 55Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 56Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 57Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 58Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 59Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 60Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 61Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 62Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 84 page
background image
58
AMCC Proprietary
440EP – PPC440EP Embedded Processor
Revision 1.26 – April 25, 2007
Data Sheet
Trace Interface
TrcBS0:2
Trace branch execution status.
I/O
3.3V tolerant
2.5V CMOS
TrcClk
Trace data capture clock, runs at 1/4 the frequency of the
processor.
O
3.3V tolerant
2.5V CMOSL
TrcES0:4
Trace Execution Status is presented every fourth processor
clock cycle.
I/O
3.3V tolerant
2.5V CMOS
TrcTS0:6
Additional information on trace execution and branch status.
I/O
3.3V tolerant
2.5V CMOS
Power
VDD
1.5V supply—Logic voltage.
na
na
OVDD
3.3V supply—I/O (except DDR SDRAM, Ethernet).
na
na
SVDD
2.5V supply—SDRAM, Ethernet.
na
na
GND
Ground.
na
na
AVDD
1.5V—Filtered voltage for system PLLs (analog).
na
na
AGND
PLL (analog) voltage ground.
na
na
SAVDD
1.5V—Filtered voltage for memory PLL (analog).
na
na
SAGND
PLL (analog) memory voltage ground.
na
na
Table 6. Signal Functional Description (Sheet 9 of 9)
Notes:
1. Receiver input has hysteresis
2. Must pull up (recommended value is 3k
Ω to 3.3V)
3. Must pull down (recommended value is 1k
Ω)
4. If not used, must pull up (recommended value is 3k
Ω to 3.3V)
5. If not used, must pull down (recommended value is 1k
Ω)
6. Strapping input during reset; pull-up or pull-down required
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com