Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT82K28A Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT82K28A
Description  Win98 Keyboard Encoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K28A Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT82K28A_02 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
HT82K28A
Rev. 1.30
6
June 27, 2002
¨ Bit 7=0 (always)
Delay= (1+bit6,bit5)
´ 250ms
Typematic rate= 1/period
...where period= (8+A)
´ (2^B) ´ 0.00417
...where A= binary value of bit 2, 1 and 0
...where B= binary value of bit 4 and 3
b4~b0
Typematic
rate
b4~b0
Typematic
rate
00000
00001
00010
00011
00100
00101
00110
00111
01000
01001
01010
01011
01100
01101
01110
01111
30.0
26.7
24.0
21.8
20.0
18.5
17.1
16.0
15.0
13.3
12.0
10.9
10.0
9.2
8.6
8.0
10000
10001
10010
10011
10100
10101
10110
10111
11000
11001
11010
11011
11100
11101
11110
11111
7.5
6.7
6.0
5.5
5.0
4.6
4.3
4.0
3.7
3.3
3.0
2.7
2.5
2.3
2.1
2.0
· Default
¨ delay: 500ms
± 20%
¨ typematic rate=10.9 characters/sec
± 20%
Commands to the system
00: keyboard detect a error/overrun (set 2, set 3)
AB,83: keyboard ID
AA: BAT completion
FC: BAT failure
EE: Echo
FA: Acknowledge
FE: Resend
FF: Keyboard detects a overrun (set 1)
· FA: Acknowledge
If the KB (Keyboard) receives any valid input except
EE (echo) and resend (FE) then send an FA to the
system first.
If the command is EE, then send an EE back to the
system.
If the command is FE, then send the last key code to
system.
If there is an interrupt while sending FA, the KB dis-
cards the FA and accepts the command from the sys-
tem and processes it.
· 00/FF: Key overrun
If the keyboard detects an overrun error, the KB sends
an overrun error code to the system.
mode 1: FF
mode 2,3: 00
· FE: Resend
The KB issues an FE when there is a parity error in
transmission.
Data communications
· Data output
¨ If CLK=0, no transmission (keyboard inhibited).
¨ If CLK=1, DATA=0, no transmission (system re-
quest to send).
¨ If CLK=1, DATA=1, transmission permitted.
¨ Data will be valid before the trailing edge and be-
yond the leading edge of the clock.
¨ The KB checks the clock line for an active level at
least every 60ms.
¨ If line contention occurs (system brings the clock
low before the tenth clock), set clock=data=high.
· Data input
¨ The system overrides the clock line for at least
60ms
¨ The keyboard checks the state of the clock line at
intervals of no more than 10ms
¨ If a system request-to-send is detected, the key-
board counts 11 data bits.
¨ Data will be valid before the rising edge and beyond
the falling edge
¨ After the 10th bit, the keyboard checks for an active
level on the
²data² line. If the line is active it is forced
to be inactive, and counts one more bit.
Note:
This action signals the system that the
keyboard has received its data. Upon
reception of this signal, the system returns
to the ready state, in which it can accept
keyboard outputs or goes to the inhibit state
until it is ready.
If the keyboard
²data² line is found to be at an inactive
level following the 10th bit, a frame error has occurred,
and the keyboard continues to count until the
²data²
line becomes active. The keyboard then makes the
²data² line inactive and sends a Resend.
Data stream
Mode 1,2,3
B1:
B2:
b3:
b4:
b5:
B6
b7:
b8:
b9:
b10:
b11:
start bit
always 0
data bit 0
data bit 1
data bit 2
data bit 3
data bit 4
data bit 5
data bit 6
data bit 7
parity bit
(odd par)
stop bit
always 1
Note:
The parity bit is either 1 or 0, and the 8 data bits,
plus the parity bit, always have an odd number
of 1
¢s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com