Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT82K28A Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT82K28A
Description  Win98 Keyboard Encoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K28A Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT82K28A_02 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Key code set 2
Key Number
Make/Break Code
Key Number
Make/Break Code
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
0E/F00E
16/F016
1E/F01E
26/F026
25/F025
2E/F02E
36/F036
3D/F03D
3E/F03E
46/F046
45/F045
4E/F04E
55/F055
6A/F06A
66/F066
0D/F00D
15/F015
1D/F01D
24/F024
2D/F02D
2C/F02C
35/F035
3C/F03C
43/F043
44/F044
4D/F04D
54/F054
5B/F05B
5D/F05D
58/F058
1C/F01C
1B/F01B
23/F023
2B/F02B
34/F034
33/F033
3B/F03B
42/F042
4B/F04B
4C/F04C
52/F052
5D/F05D
5A/F05A
12/F012
61/F061
1A/F01A
22/F022
21/F021
2A/F02A
50
51
52
53
54
55
56
57
58
60
61
62
64
90
91
92
93
96
97
98
99
100
101
102
103
104
105
106
107
108
110
112
113
114
115
116
117
118
119
120
121
122
123
125
131
132
133
32/F032
31/F031
3A/F03A
41/F041
49/F049
4A/F04A
51/F051
59/F059
14/F014
11/F011
29/F029
E0 11/E0F011
E0 14/E0F014
77/F077
6C/F06C
6B/F06B
69/F069
75/F075
73/F073
72/F072
70/F070
7C/F07C
7D/F07D
74/F074
7A/F07A
71/F071
7B/F07B
79/F079
6D/F06D
E0 5A/E0F05A
76/F076
05/F005
06/F006
04/F004
0C/F00C
03/F003
0B/F00B
83/F083
0A/F00A
01/F001
09/F009
78/F078
07/F007
7E/F07E
67/F067
64/F064
13/F013
HT82K28A
Rev. 1.30
9
June 27, 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com