Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT82K28A Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT82K28A
Description  Win98 Keyboard Encoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K28A Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT82K28A_02 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 14Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 15Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 16Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Timing Diagrams
Data output
Keyboard data input
HT82K28A
Rev. 1.30
12
June 27, 2002
( 1 )
( 3 )
( 4 )
I / O
I n h i b i t
2 n d
C L K
1 0 t h
C L K
1 1 t h
C L K
D A T A
S t a r t B i t
B i t 0
P a r i t y B i t
S t o p B i t
T 7
T 8
T 9
( 5 )
( 7 )
C L K
( 6 )
T i m i n g P a r a m e t e r
w h e n t h e a u x i l i a r y d e v i c e s a m p l e s D A T A
T 7
D u r a t i o n o f C L K i n a c t i v e
T 8
D u r a t i o n o f C L K a c t i v e
T 9
T i m e f r o m i n a c t i v e t o a c t i v e C L K t r a n s i t i o n , u s e d t o t i m e
M i n / M a x
1 s t
C L K
( 2 )
9 t h
C L K
( 8 )
( 5 )
3 0 / 5 0 m s e c
3 0 / 5 0 m s e c
5 / 2 5 m s e c
( 1 )
( 3 )
( 3 )
( 3 )
( 3 )
( 4 )
1 s t
C L K
2 n d
C L K
1 0 t h
C L K
1 1 t h
C L K
D A T A
S t a r t B i t
B i t 0
P a r i t y B i t
S t o p B i t
T 5
T 3
T 4
T 1
T 2
( 2 )
( 5 ) ( 7 )
C L K
( 6 )
T i m i n g P a r a m e t e r
t h e a u x i l i a r y d e v i c e d o e s n o t s t a r t a n o t h e r t r a n s m i s s i o n
T 1
D A T A t r a n s i t i o n t o t h e f a l l i n g e d g e o f C L K
T 2
R i s i n g e d g e o f C L K t o D A T A t r a n s i t i o n
T 3
D u r a t i o n o f C L K i n a c t i v e
T 4
D u r a t i o n o f C L K a c t i v e
T 5
T i m e t o a u x i l i a r y d e v i c e i n h i b i t a f t e r c l o c k 1 1 t o e n s u r e
M i n / M a x
5 / T 4 - 5 m s e c
5 / 2 5 m s e c
3 0 / 5 0 m s e c
> 0 / 5 0 m s e c
3 0 / 5 0 m s e c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com