Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT82K28A Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT82K28A
Description  Win98 Keyboard Encoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K28A Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT82K28A_02 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 14Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 15Page - Holtek Semiconductor Inc HT82K28A_02 Datasheet HTML 16Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Standard Holtek Win98 keyboard
C7
C6
C5
C4
C3
C2
C1
C0
R0
F5
L-CTRL
WAKE-UP
R-CTRL
SLEEP
POWER
PAUSE
R1
!
1
~
K131
Z
ESC
A
TAB
Q
R2
@
2
F1
K132
X
K45
S
CAP
LOCK
W
R3
#
3
F2
K133
C
F4
D
F3
E
R4
$
4
%
5
BV
G
F
T
R
R5
&
7
^
6
NM
H
J
Y
U
R6
*
8
+
=
K56
<
,
F6
K
}
]
I
R7
(
9
F8
APP
>
.
LF7
O
R8
)
0
_
-
?
/
K42
²
¢
:
;
{
[
P
R9
PRINT
R-ALT
L-ALT
SCR
LOCK
R10
F10
F9
F12
ENTER
F11
|
\
BS
K14
R11
POWER
DEL
DOWN
Arrow
NUM
LOCK
SPACE
NUM 1
NUM 4
NUM 7
R12
SLEEP
INSERT
RIGHT
Arrow
NUM /
NUM 0
NUM 2
NUM 5
NUM 8
R13
PG DN
PG UP
NUM -
NUM *
NUM .
NUM 3
NUM 6
NUM 9
R14
END
HOME
LEFT
Arrow
UP
Arrow
NUM
ENTER
K107
NUM +
R15
K94
R-SHF
L-SHF
WAKE UP
R16
K129
L-WIN
K130
R17
K109
R-WIN
The above key code is according to the Microsoft specification except for the following keys.
Key No
Code Set 1 Make/Break
Code Set 2 Make/Break
Code Set 3 Make/Break
14
7D
FD
6A
F0 6A
5D
F0 5D
94
7C
FC
68
F0 68
68
F0 68
109
78
F8
63
F0 63
78
F0 78
129
F1
F1
F1
130
F0
F2
F2
HT82K28A
Rev. 1.30
14
June 27, 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com