Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F272Z2Q3 Datasheet(PDF) 136 Page - STMicroelectronics

Part # ST10F272Z2Q3
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2Q3 Datasheet(HTML) 136 Page - STMicroelectronics

Back Button ST10F272Z2Q3 Datasheet HTML 132Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 133Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 134Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 135Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 136Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 137Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 138Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 139Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 179 page
background image
Electrical characteristics
ST10F272
136/179
24.7
A/D converter characteristics
VDD = 5V ± 10%, VSS = 0V, TA = –40 to +125°C, 4.5V ≤ VAREF ≤ VDD,
VSS ≤ VAGND ≤ VSS + 0.2V
Table 65.
Flash data retention characteristics
Number of program / erase cycles
(-40°C
≤ T
A ≤ 125°C)
Data retention time
(average ambient temperature 60°C)
256Kbyte (code store)
64Kbyte (EEPROM emulation) (1)
0 - 100
> 20 years
> 20 years
1,000
-
> 20 years
10,000
-
10 years
100,000
-
1 year
1.
Two 64Kbyte Flash Sectors may be typically used to emulate up to 4, 8 or 16Kbyte of EEPROM. Therefore, in case of an
emulation of a 16Kbyte EEPROM, 100,000 Flash Program / Erase cycles are equivalent to 800,000 EEPROM
Program/Erase cycles. For an efficient use of the EEPROM Emulation please refer to dedicated Application Note document
(AN2061 - “EEPROM Emulation with ST10F2xx”). Contact your local field service, local sales person or STMicroelectronics
representative to get copy of such a guideline document.
Table 66.
A/D converter characteristics
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
max.
Analog Reference voltage 1)
V
AREF SR
4.5
VDD
V
Analog Ground voltage
V
AGND SR
VSS
VSS + 0.2
V
Analog Input voltage 2)
V
AIN
SR
VAGND
VAREF
V
Reference supply current
I
AREF
CC
–
–
5
1
mA
µA
Running mode 3)
Power Down mode
Sample time
t
S
CC
1–
µs
4)
Conversion time
t
C
CC
3–
µs
5)
Differential Non Linearity 6)
DNL CC
–1
+1
LSB
No overload
Integral Non Linearity 6)
INL
CC
–1.5
+1.5
LSB
No overload
Offset Error 6)
OFS CC
–1.5
+1.5
LSB
No overload
Total unadjusted error 6)
TUE CC
–2.0
–5.0
–7.0
+2.0
+5.0
+7.0
LSB
Port5
Port1 - No overload 3)
Port1 - Overload 3)
Coupling Factor between inputs 3) 7)
K
CC
–10–6
–
On both Port5 and Port1
Input Pin Capacitance 3) 8)
CP1 CC
–3pF
CP2 CC
–
4
6
pF
Port5
Port1
Sampling Capacitance 3) 8)
CS
CC
–3.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com