Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F272Z2Q3 Datasheet(PDF) 138 Page - STMicroelectronics

Part # ST10F272Z2Q3
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2Q3 Datasheet(HTML) 138 Page - STMicroelectronics

Back Button ST10F272Z2Q3 Datasheet HTML 134Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 135Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 136Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 137Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 138Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 139Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 140Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 141Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 179 page
background image
Electrical characteristics
ST10F272
138/179
Fast conversion can be achieved by programming the respective times to their absolute
possible minimum. This is preferable for scanning high frequency signals. The internal
resistance of analog source and analog supply must be sufficiently low, however.
High internal resistance can be achieved by programming the respective times to a higher
value, or the possible maximum. This is preferable when using analog sources and supply
with a high internal resistance in order to keep the current as low as possible. The
conversion rate in this case may be considerably lower, however.
The conversion times are programmed via the upper four bits of register ADCON. Bit fields
ADCTC and ADSTC are used to define the basic conversion time and in particular the
partition between sample phase and comparison phases. The table below lists the possible
combinations. The timings refer to the unit TCL, where fCPU = 1/2TCL. A complete
conversion time includes the conversion itself, the sample time and the time required to
transfer the digital value to the result register.
Note:
The total conversion time is compatible with the formula valid for ST10F269, while the
meaning of the bit fields ADCTC and ADSTC is no longer compatible: the minimum
conversion time is 388 TCL, which at 40MHz CPU frequency corresponds to 4.85
µs (see
ST10F269).
24.7.2
A/D conversion accuracy
The A/D Converter compares the analog voltage sampled on the selected analog input
channel to its analog reference voltage (VAREF) and converts it into 10-bit digital data. The
absolute accuracy of the A/D conversion is the deviation between the input analog value and
the output digital value. It includes the following errors:
●
Offset error (OFS)
●
Gain Error (GE)
●
Quantization error
●
Non-Linearity error (Differential and Integral)
Table 67.
A/D converter programming
ADCTC
ADSTC
Sample
Comparison
Extra
Total conversion
00
00
TCL * 120
TCL * 240
TCL * 28
TCL * 388
00
01
TCL * 140
TCL * 280
TCL * 16
TCL * 436
00
10
TCL * 200
TCL * 280
TCL * 52
TCL * 532
00
11
TCL * 400
TCL * 280
TCL * 44
TCL * 724
11
00
TCL * 240
TCL * 480
TCL * 52
TCL * 772
11
01
TCL * 280
TCL * 560
TCL * 28
TCL * 868
11
10
TCL * 400
TCL * 560
TCL * 100
TCL * 1060
11
11
TCL * 800
TCL * 560
TCL * 52
TCL * 1444
10
00
TCL * 480
TCL * 960
TCL * 100
TCL * 1540
10
01
TCL * 560
TCL * 1120
TCL * 52
TCL * 1732
10
10
TCL * 800
TCL * 1120
TCL * 196
TCL * 2116
10
11
TCL * 1600
TCL * 1120
TCL * 164
TCL * 2884



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com