Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F272Z2Q3 Datasheet(PDF) 139 Page - STMicroelectronics

Part # ST10F272Z2Q3
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2Q3 Datasheet(HTML) 139 Page - STMicroelectronics

Back Button ST10F272Z2Q3 Datasheet HTML 135Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 136Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 137Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 138Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 139Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 140Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 141Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 142Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 179 page
background image
ST10F272
Electrical characteristics
139/179
These four error quantities are explained below using Figure 39.
Offset error
Offset error is the deviation between actual and ideal A/D conversion characteristics when
the digital output value changes from the minimum (zero voltage) 00 to 01 (Figure 39, see
OFS).
Gain error
Gain error is the deviation between the actual and ideal A/D conversion characteristics when
the digital output value changes from the 3FE to the maximum 3FF, once offset error is
subtracted. Gain error combined with offset error represents the so-called full-scale error
(Figure 39, OFS + GE).
Quantization error
Quantization error is the intrinsic error of the A/D converter and is expressed as 1/2 LSB.
Non-linearity error
Non-Linearity error is the deviation between actual and the best-fitting A/D conversion
characteristics (see Figure 39):
●
Differential Non-Linearity error is the actual step dimension versus the ideal one (1
LSBIDEAL).
●
Integral Non-Linearity error is the distance between the center of the actual step and
the center of the bisector line, in the actual characteristics. Note that for Integral Non-
Linearity error, the effect of offset, gain and quantization errors is not included.
Note:
Bisector characteristic is obtained drawing a line from 1/2 LSB before the first step of the
real characteristic, and 1/2 LSB after the last step again of the real characteristic.
24.7.3
Total unadjusted error
The Total Unadjusted Error specifies the maximum deviation from the ideal characteristic:
the number provided in the Data Sheet represents the maximum error with respect to the
entire characteristic. It is a combination of the Offset, Gain and Integral Linearity errors. The
different errors may compensate each other depending on the relative sign of the Offset and
Gain errors. Refer to Figure 39, see TUE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com