Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8580AGEFT Datasheet(PDF) 47 Page - Wolfson Microelectronics plc

Part # WM8580AGEFT
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580AGEFT Datasheet(HTML) 47 Page - Wolfson Microelectronics plc

Back Button WM8580AGEFT Datasheet HTML 43Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 44Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 45Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 46Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 47Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 48Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 49Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 50Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 51Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 97 page
background image
Production Data
WM8580
w
PD Rev 4.3 August 2007
47
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R11
SAIF 1
0Bh
7:6
SAIFMS_
CLKSEL
11
SAIF Master Mode clock source
00 = ADCMCLK pin
01 = PLLACLK
10 = PLLBCLK
11 = MCLK pin
Table 37 SAIF Master Mode Clock Control
MANUAL CLOCK SELECTION
It is possible to override all default clocking configuration restrictions by setting CLKSEL_MAN. When
CLKSEL_MAN is set, default clocking configurations such as automatic selection of PLLACLK for
DAC1 when DACSRC=00 (S/PDIF received data) are not applied. Instead, clock selection is
determined only by the relevant CLK_SEL register.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8
CLKSEL
08h
6
CLKSEL_MAN
0
Clock selection auto-configuration
override
0 = auto-configuration enabled,
clock configuration follows
restrictions described in page 42
to page 47.
1 = auto-configuration disabled,
clock configuration follows
relevant CLKSEL bits in R8 to
R11.
Table 38 Manual Clock Selection
Figure 31 SAIF Clock Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com