Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8580AGEFT Datasheet(PDF) 65 Page - Wolfson Microelectronics plc

Part # WM8580AGEFT
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580AGEFT Datasheet(HTML) 65 Page - Wolfson Microelectronics plc

Back Button WM8580AGEFT Datasheet HTML 61Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 62Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 63Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 64Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 65Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 66Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 67Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 68Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 69Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 97 page
background image
Production Data
WM8580
w
PD Rev 4.3 August 2007
65
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
AUDIO_N
-
Linear PCM Identification
0 = Data word represents audio PCM samples.
1 = Data word does not represent audio PCM samples.
1
PCM_N
-
Indicates that non-audio code (defined in IEC-61937)
has been detected.
0 = Sync code not detected.
1 = Sync code detected – received data is not audio
PCM.
2
CPY_N
-
Recovered Channel Status bit-2 (active low).
0 = Copyright is asserted for this data.
1 = Copyright is not asserted for this data.
3
DEEMPH
-
Recovered Channel Status bit-3
0 = Recovered S/PDIF data has no pre-emphasis.
1 = Recovered S/PDIF data has pre-emphasis
5:4
REC_FREQ
[1:0]
--
Indicates recovered S/PDIF clock frequency:
00 = Invalid
01 = 96kHz / 88.2kHz
10 = 48kHz / 44.1kHz
11 = 32kHz
R49
SPDSTAT
31h
(read-only)
6
UNLOCK
-
Indicates that the S/PDIF Clock Recovery circuit is
unlocked or that the input S/PDIF signal is not present.
0 = Locked onto incoming S/PDIF stream.
1 = Not locked to the incoming S/PDIF stream or the
incoming S/PDIF stream is not present.
Table 63 S/PDIF Status Register
The interrupt and update signals used to generate INT_N can be masked as necessary. The MASK
register bit prevents flags from asserting INT_N and from updating the Interrupt Status Register
(R43). Masked flags update the S/PDIF Status Register (R49).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R37
INTMASK
25h
8:0
MASK[8:0]
000000000
When a flag is masked, it does not update the Interrupt
Status Register or assert INT_N.
0 = unmask, 1 = mask.
MASK[0] = mask control for UPD_UNLOCK
MASK[1] = mask control for INT_INVALID
MASK[2] = mask control for INT_CSUD
MASK[3] = mask control for INT_TRANS_ERR
MASK[4] = mask control for UPD_AUDIO_N
MASK[5] = mask control for UPD_PCM_N
MASK[6] = mask control for UPD_CPY_N
MASK[7] = mask control for UPD_DEEMPH
MASK[8] = mask control for UPD_REC_FREQ
Table 64 Interrupt Mask Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com