Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8580AGEFT Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM8580AGEFT
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580AGEFT Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM8580AGEFT Datasheet HTML 22Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 23Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 24Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 25Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 26Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 27Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 28Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 29Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 97 page
background image
WM8580
Production Data
w
PD Rev 4.3 August 2007
26
I
2S MODE
In I2S mode, the MSB of DIN1/2/3 is sampled on the second rising edge of BCLK following a LRCLK
transition. The MSB of the output data changes on the first falling edge of BCLK following an LRCLK
transition, and may be sampled on the next rising edge of BCLK. LRCLKs are low during the left
samples and high during the right samples.
Figure 16 I2S Mode Timing Diagram
DSP MODE A
In DSP Mode A, the MSB of Channel 1 left data is sampled on the second rising edge of BCLK
following a LRCLK rising edge. Channel 1 right data then follows. For the PAIF Receiver, Channels 2
and 3 follow as shown in Figure 17.
Figure 17 DSP Mode A Timing Diagram – PAIF Receiver Input Data
For the SAIF receiver, only stereo information is processed.
Figure 18 DSP Mode A Timing Diagram - SAIF Receiver Input Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com