Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8580AGEFT Datasheet(PDF) 55 Page - Wolfson Microelectronics plc

Part # WM8580AGEFT
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580AGEFT Datasheet(HTML) 55 Page - Wolfson Microelectronics plc

Back Button WM8580AGEFT Datasheet HTML 51Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 52Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 53Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 54Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 55Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 56Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 57Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 58Page - Wolfson Microelectronics plc WM8580AGEFT Datasheet HTML 59Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 97 page
background image
Production Data
WM8580
w
PD Rev 4.3 August 2007
55
PHASE-LOCKED LOOPS AND S/PDIF CLOCKING (HARDWARE MODE)
In hardware mode, the user has no access to the internal clocking control registers and hence a
default configuration is loaded at reset to provide maximum functionality.
The S/PDIF receiver is enabled and hence the PLLs operate in S/PDIF receiver mode and all PLL
and S/PDIF receiver control is fully automatic. All supported S/PDIF receiver sample rates can be
used.
FREQMODE_x and POSTSCALE_x control is fully automatic to ensure that the internal MCLK is
maintained at 256fs relative to the S/PDIF received sample rate. In hardware mode, the internal
MCLK is not available at the MCLK pin (the pin defaults to an input)
In hardware mode, the OSCCLK must be 12MHz and hence the external crystal (or applied XIN
clock) must be 12MHz. No other OSCCLK frequencies are supported in hardware mode.
S/PDIF TRANSCEIVER
FEATURES
•
IEC-60958-3 compatible with 32k frames/s to 96k frames/s support
•
Support for Reception and Transmission of S/PDIF data
•
Clock synthesis PLL with reference clock input and ultra-low jitter output
•
Input mux with support for up to four S/PDIF inputs
•
Register controlled Channel Status recovery and transmission
•
Register read-back of recovered Channel Status bits and error flags
•
Detection of non-audio data, sample rate, and pre-emphasised data
•
Programmable GPO for error flags, frame status flags and clocks
An IEC-60958-3 compatible S/PDIF transceiver is integrated into the WM8580. Operation of the
S/PDIF function may be synchronous or asynchronous to the rest of the digital audio circuits.
The receiver performs data and clock recovery, and sends recovered data either to an external
device such as a DSP (via the Digital Audio Interfaces), or if the data is audio PCM, it can route the
stereo recovered data to DAC1. The recovered clock may be routed out of the WM8580 onto a pin
for external use, and may be used to clock the internal DAC as required.
The transmitter generates S/PDIF frames where audio data may be sourced from the ADC, S/PDIF
Receiver, or the Digital Audio Interfaces.
S/PDIF FORMAT
S/PDIF is a serial, bi-phase-mark encoded data stream. An S/PDIF frame consists of two sub-
frames. Each sub-frame is made up of:
•
Preamble – a synchronization pattern used to identify the start of a 192-frame block or sub-
frame
•
4-bit Auxiliary Data (AUX) – ordered LSB to MSB
•
20-bit Audio Data (24-bit when combined with AUX) – ordered LSB to MSB
•
Validity Bit – a 1 indicates invalid data in that sub-frame
•
User Bit – over 192-frames, this forms a User Data Block,
•
Channel Bit – over 192-frames, this forms a Channel Status Block
•
Parity Bit – used to maintain even parity over the sub-frame (except the preamble)
An S/PDIF Block consists of 192 frames. Channel and User blocks are incorporated within the 192-
frame S/PDIF Block. For Consumer mode only the first 40-frames are used to make up the Channel
and User blocks. Figure 33 illustrates the S/PDIF format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com