Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSILC6-4P6 Datasheet(PDF) 9 Page - STMicroelectronics

Part # DSILC6-4P6
Description  ESD Protection for high speed interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSILC6-4P6 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button DSILC6-4P6 Datasheet HTML 3Page - STMicroelectronics DSILC6-4P6 Datasheet HTML 4Page - STMicroelectronics DSILC6-4P6 Datasheet HTML 5Page - STMicroelectronics DSILC6-4P6 Datasheet HTML 6Page - STMicroelectronics DSILC6-4P6 Datasheet HTML 7Page - STMicroelectronics DSILC6-4P6 Datasheet HTML 8Page - STMicroelectronics DSILC6-4P6 Datasheet HTML 9Page - STMicroelectronics DSILC6-4P6 Datasheet HTML 10Page - STMicroelectronics DSILC6-4P6 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DSILC6-4xx
Package information
9/11
Figure 13.
Flip-Chip Dimensions
Figure 16.
Flip-Chip tape and reel specifications
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available
at: www.st.com.
Figure 14.
Flip-Chip footprint
Figure 15.
Flip-Chip marking
1.1 mm ± 50 µm
315 µm ± 50
500 µm ± 50
650 µm ± 65
Copper pad Diameter :
220µm recommended
Solder stencil opening :
330µm recommended
Solder mask opening recommendation :
300µm recommended
x
y
x
w
z
w
E
Dot, ST logo
xx = marking
yww = datecode
(y = year
ww = week)
z = manufacturing location
Dot identifying Pin A1 location
User direction of unreeling
All dimensions in mm
4 +/- 0.1
4 +/- 0.1
Ø 1.5 +/- 0.1
0.73 +/- 0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com