Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSILC6-4P6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # DSILC6-4P6
Description  ESD Protection for high speed interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSILC6-4P6 Datasheet(HTML) 3 Page - STMicroelectronics

  DSILC6-4P6 Datasheet HTML 1Page - STMicroelectronics DSILC6-4P6 Datasheet HTML 2Page - STMicroelectronics DSILC6-4P6 Datasheet HTML 3Page - STMicroelectronics DSILC6-4P6 Datasheet HTML 4Page - STMicroelectronics DSILC6-4P6 Datasheet HTML 5Page - STMicroelectronics DSILC6-4P6 Datasheet HTML 6Page - STMicroelectronics DSILC6-4P6 Datasheet HTML 7Page - STMicroelectronics DSILC6-4P6 Datasheet HTML 8Page - STMicroelectronics DSILC6-4P6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DSILC6-4xx
Characteristics
3/11
Figure 1.
Relative variation of leakage
current versus junction
temperature - SOT-666 (typical
values)
Figure 2.
Relative variation of leakage
current versus junction
temperature Flip-Chip (typical
values)
Figure 3.
Remaining voltage after
DSILC6-4P6 during ESD
15 kV positive surge (air discharge)
Figure 4.
Remaining voltage after
DSILC6-4F2 during ESD
15 kV positive surge (air discharge)
Figure 5.
Remaining voltage after
DSILC6-4P6 during ESD
15 kV negative surge (air discharge)
Figure 6.
Remaining voltage after
DSILC6-4F2 during ESD
15 kV negative surge (air discharge)
1
10
100
25
50
75
100
125
T (°C)
j
V = 5V
R
I[T
RM
j] / I
[T
RM
j=25°C]
1
10
100
25
50
75
100
125
T (°C)
j
V= 5V
R
I[T
RM
j] / I
[T
RM
j=25°C]
50 ns/div
50 ns/div
50 ns/div
50 ns/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com