Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSILC6-4P6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # DSILC6-4P6
Description  ESD Protection for high speed interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSILC6-4P6 Datasheet(HTML) 1 Page - STMicroelectronics

  DSILC6-4P6 Datasheet HTML 1Page - STMicroelectronics DSILC6-4P6 Datasheet HTML 2Page - STMicroelectronics DSILC6-4P6 Datasheet HTML 3Page - STMicroelectronics DSILC6-4P6 Datasheet HTML 4Page - STMicroelectronics DSILC6-4P6 Datasheet HTML 5Page - STMicroelectronics DSILC6-4P6 Datasheet HTML 6Page - STMicroelectronics DSILC6-4P6 Datasheet HTML 7Page - STMicroelectronics DSILC6-4P6 Datasheet HTML 8Page - STMicroelectronics DSILC6-4P6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
May 2007
Rev 3
1/11
11
DSILC6-4xx
ESD Protection for high speed interface
Main applications
Where transient over-voltage protection in ESD
sensitive equipment is required, such as:
■ Computers
■ Printers
■ Communication systems
■ Cell phone handsets and accessories
■ Video equipment
Description
The DSILC6-4xx is a monolithic application
specific discrete dedicated to ESD protection of
high speed interfaces, such as USB 2.0, Ethernet,
display and camera serial interfaces (LVDS).
The device is ideal for applications where both
reduced printed circuit board space and power
absorption capability are required.
Features
Diode array topology
■ 4 line protection
■ 5 V VCC protection
■ Very low capacitance: 1 pF typ.
■ Lead-free pacakge
■ RoHS compliant
Benefits
■ Very low capacitance between lines to GND for
optimized data integrity
■ Low PCB space consumption: 2.9 mm² max for
SOT-666 and 1.5 mm² max for Flip-Chip
■ Cut-off frequency > 2 GHz
■ High reliability offered by monolithic integration
■ MDDI, SMIA, MIPI specification compliant
Functional diagram
Order Code
Complies with the following standards:
Part Number
Marking
DSILC6-4P6
G
DSILC6-4F2
EI
IEC 61000-4-2 level 4:
8 kV (contact discharge)
15 kV (air discharge)
MIL STD 883G-Method 3015-7: class 3B
I/O2
I/O3
I/O4
I/O1
VCC
GND
Flip-Chip
DSILC6-4F2
SOT-666
DSILC6-4P6
I/O3
I/O4
VCC
GND
I/O2
I/O1
I/O4
I/O3
GND
VCC
I/O1
I/O2
I/O1
I/O4
GND
VCC
I/O2
I/O3
Flip-Chip
Top-side view
Flip-Chip
Top-side view
SOT-666
Top-side view
www.st.com


Similar Part No. - DSILC6-4P6

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
DSI-EV16P-3C MULTICOMP-DSI-EV16P-3C Datasheet
199Kb / 1P
J1772 16A Electric Vehicle Plug With Lead
21/03/16 V1.0
DSI-EV16P-5C MULTICOMP-DSI-EV16P-5C Datasheet
199Kb / 1P
J1772 16A Electric Vehicle Plug With Lead
21/03/16 V1.0
DSI-EV16S-NC MULTICOMP-DSI-EV16S-NC Datasheet
385Kb / 1P
J1772 16A Socket
07/07/14 V1.0
DSI-EV32S-NC MULTICOMP-DSI-EV32S-NC Datasheet
234Kb / 1P
REVISIONS PART NO.
18/04/12
logo
New Jersey Semi-Conduct...
DSI17 NJSEMI-DSI17 Datasheet
469Kb / 1P
Rectifier Diode Avalanche Diode
More results

Similar Description - DSILC6-4P6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC6V1-5P6 STMICROELECTRONICS-ESDALC6V1-5P6 Datasheet
246Kb / 8P
ESD protection for high speed interface
15-Nov-2007
ESDAULC6-3BP6 STMICROELECTRONICS-ESDAULC6-3BP6 Datasheet
304Kb / 11P
ESD protection for high speed interface
03-Jul-2007
ESDAXLC6-1BU2 STMICROELECTRONICS-ESDAXLC6-1BU2 Datasheet
135Kb / 10P
Single-line bidirectional ESD protection for high speed interface
21-Sep-2012
ESDARF02-1BU2CK STMICROELECTRONICS-ESDARF02-1BU2CK Datasheet
204Kb / 9P
Single-line bidirectional ESD protection for high speed interface
25-Feb-2015
ESDARF02-1BU2 STMICROELECTRONICS-ESDARF02-1BU2 Datasheet
198Kb / 9P
Single-line bidirectional ESD protection for high speed interface
20-Aug-2015
ESDAXLC6-1BT2 STMICROELECTRONICS-ESDAXLC6-1BT2 Datasheet
224Kb / 10P
Single-line bidirectional ESD protection for high speed interface
12-Aug-2013
ESDAULC6-1U2 STMICROELECTRONICS-ESDAULC6-1U2 Datasheet
208Kb / 10P
Single-line unidirectional ESD protection for high speed interface
05-Jun-2012
USBULC6-2N4 STMICROELECTRONICS-USBULC6-2N4 Datasheet
179Kb / 10P
Ultralow capacitance ESD protection for high speed interface
September 2011 Rev 1
logo
AMAZING Microelectronic...
AZ1013-04F AMAZING-AZ1013-04F Datasheet
263Kb / 6P
Low Capacitance ESD Protection Array For High Speed Data Interface
Revision 2014/11/20
AZ1213-04F AMAZING-AZ1213-04F Datasheet
380Kb / 7P
Low Capacitance ESD Protection Array For High-Speed Data Interface
Revision 2018/05/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com