Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSILC6-4P6 Datasheet(PDF) 2 Page - STMicroelectronics

Part # DSILC6-4P6
Description  ESD Protection for high speed interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSILC6-4P6 Datasheet(HTML) 2 Page - STMicroelectronics

  DSILC6-4P6 Datasheet HTML 1Page - STMicroelectronics DSILC6-4P6 Datasheet HTML 2Page - STMicroelectronics DSILC6-4P6 Datasheet HTML 3Page - STMicroelectronics DSILC6-4P6 Datasheet HTML 4Page - STMicroelectronics DSILC6-4P6 Datasheet HTML 5Page - STMicroelectronics DSILC6-4P6 Datasheet HTML 6Page - STMicroelectronics DSILC6-4P6 Datasheet HTML 7Page - STMicroelectronics DSILC6-4P6 Datasheet HTML 8Page - STMicroelectronics DSILC6-4P6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Characteristics
DSILC6-4xx
2/11
1
Characteristics
Table 1.
Absolute ratings
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage
IEC 61000-4-2 contact discharge
IEC 61000-4-2 air discharge
8
15
kV
IPP
Peak pulse current
I/O to GND
Pulse waveform = 8/20 µs
SOT-666
5
A
Flip-Chip
7
PPP
Peak pulse power
SOT-666
90
W
Flip-Chip
120
Tstg
Storage temperature range
-55 to +150
°C
Tj
Maximum junction temperature
125
°C
TL
Lead solder temperature (10 seconds duration)
260
°C
Table 2.
Electrical characteristics (Tamb = 25° C)
Symbol
Parameter
VRM
Reverse stand-off voltage
IRM
Leakage current
VBR
Breakdown voltage
VF
Forward voltage
VCL
Clamping voltage
IPP
Peak pulse current
Symbol
Parameter
Test Conditions
Value
Unit
Min
Typ
Max
IRM
Leakage current
VRM = 5 V
0.5
µA
VBR
Breakdown voltage
between VBUS and GND
IR = 1 mA
6
V
VF
Forward voltage
IF = 10 mA
1
V
Ci/o-GND
Capacitance between
I/O and GND
VI/O = 0 V, F = 1 MHz, VOSC = 30 mV
SOT-666
2
2.5
pF
Flip-Chip
2.5
3
VI/O = 1.65 V, VCC = 4.3 V,
F = 1 MHz, VOSC = 400 mV
SOT-666
1.5
1.8
Flip-Chip
1.8
2.0
Ci/o-i/o
Capacitance
between I/O
VI/O = 0 V, F = 1 MHz, VOSC = 30 mV
SOT-666
1.0
1.25
Flip-Chip
1.25
1.5
VI/O = 1.65 V, VCC = 4.3 V,
F = 1 MHz, VOSC = 400 mV
SOT-666
0.75
0.9
Flip-Chip
0.9
1.20
ΔCi/o-GND
VI/O = 0 V, F = 1 MHz, VOSC = 30 mV
0.06
ΔCi/o-i/o
VI/O = 0 V, F = 1 MHz, VOSC = 30 mV
0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com