Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMUX7348FPWTEP Datasheet(PDF) 21 Page - Texas Instruments

Part # TMUX7348FPWTEP
Description  TMUX7348F-EP ±60V Tolerant, Latch-up Immune, Fault Protected, Enhanced Product, 8:1 Multiplexer with Adjustable Fault Threshold
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX7348FPWTEP Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX7348FPWTEP Datasheet HTML 17Page - Texas Instruments TMUX7348FPWTEP Datasheet HTML 18Page - Texas Instruments TMUX7348FPWTEP Datasheet HTML 19Page - Texas Instruments TMUX7348FPWTEP Datasheet HTML 20Page - Texas Instruments TMUX7348FPWTEP Datasheet HTML 21Page - Texas Instruments TMUX7348FPWTEP Datasheet HTML 22Page - Texas Instruments TMUX7348FPWTEP Datasheet HTML 23Page - Texas Instruments TMUX7348FPWTEP Datasheet HTML 24Page - Texas Instruments TMUX7348FPWTEP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
6.10 Typical Characteristics (continued)
at TA = 25°C, VDD = 15V, and VSS = –15V (unless otherwise noted)
VS or VD - Source or Drain Voltage (V)
0
2
4
6
8
10
12 13.2
60
120
180
240
300
360
420
480
VDD = 8V, VSS = 0V
VDD = 8.8V, VSS = 0V
VDD = 10.8V, VSS = 0V
VDD = 12V, VSS = 0V
VDD = 13.2V, VSS = 0V
Single Supply Flat RON Region
Figure 6-7. On-Resistance vs Source or Drain Voltage
VS or VD - Source or Drain Voltage (V)
1
2
3
4
5
6
7
8
9
100
150
200
250
300
350
TA = -40C
TA = 25C
TA = 85C
TA = 125C
12V Supply Flattest RON Region
Figure 6-8. On-Resistance vs Source or Drain Voltage
Single Supply Voltages
Figure 6-9. On-Resistance vs Source or Drain Voltage
Single Supply Flat RON Region
Figure 6-10. On-Resistance vs Source or Drain Voltage
VS or VD - Source or Drain Voltage (V)
1
5
9
13
17
21
25
29
33
100
150
200
250
300
350
TA = -40C
TA = 25C
TA = 85C
TA = 125C
36V Supply Flattest RON Region
Figure 6-11. On-Resistance vs Source or Drain Voltage
44V Supply Flattest RON Region
Figure 6-12. On-Resistance vs Source or Drain Voltage
www.ti.com
TMUX7348F-EP
SCDS461A – NOVEMBER 2023 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX7348F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com