Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMUX7348FPWTEP Datasheet(PDF) 6 Page - Texas Instruments

Part # TMUX7348FPWTEP
Description  TMUX7348F-EP ±60V Tolerant, Latch-up Immune, Fault Protected, Enhanced Product, 8:1 Multiplexer with Adjustable Fault Threshold
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX7348FPWTEP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMUX7348FPWTEP Datasheet HTML 2Page - Texas Instruments TMUX7348FPWTEP Datasheet HTML 3Page - Texas Instruments TMUX7348FPWTEP Datasheet HTML 4Page - Texas Instruments TMUX7348FPWTEP Datasheet HTML 5Page - Texas Instruments TMUX7348FPWTEP Datasheet HTML 6Page - Texas Instruments TMUX7348FPWTEP Datasheet HTML 7Page - Texas Instruments TMUX7348FPWTEP Datasheet HTML 8Page - Texas Instruments TMUX7348FPWTEP Datasheet HTML 9Page - Texas Instruments TMUX7348FPWTEP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
6.3 Thermal Information
THERMAL METRIC(1)
TMUX7348F-EP
UNIT
PW (TSSOP)
20 PINS
RθJA
Junction-to-ambient thermal resistance
84.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
22.7
°C/W
RθJB
Junction-to-board thermal resistance
37.3
°C/W
ΨJT
Junction-to-top characterization parameter
1.0
°C/W
ΨJB
Junction-to-board characterization parameter
36.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX UNIT
VDD – VSS (1)
Power supply voltage differential
8
44
V
VDD
Positive power supply voltage
5
44
V
VFP
Positive fault clamping voltage
3
VDD
V
VFN
Negative fault clamping voltage
VSS
0
V
VS
Source pin (Sx) voltage (non-fault condition)
VFN
VFP
V
VS to GND
Source pin (Sx) voltage (fault condition)
–60
60
V
VS to VDD (2)
Source pin (Sx) voltage to VDD or VD (fault condition)
Source pin (Sx) voltage
to VDD or VD (fault
condition)
–85
V
VS to VSS (2)
Source pin (Sx) voltage to VSS or VD (fault condition)
Source pin (Sx) voltage
to VSS or VD (fault
condition)
85
V
VD
Drain pin (D, Dx) voltage
VFN
VFP
V
VEN or VAx
Logic control input pin voltage (EN, A0, A1, A2)
0
44
V
VxF
Logic output pin (SF, FF) voltage
0
5.5
V
TA
Ambient temperature
–55
125
°C
IDC (3)
Continuous current through switch
TA = 25°C
9
mA
TA = 85°C
6.5
TA = 125°C
5
(1)
VDD and VSS can be any value as long as 8V ≤ (VDD – VSS) ≤ 44V.
(2)
Under a fault condition, the potential difference between source pin (Sx) and supply pins (VDD and VSS.) or source pin (Sx) and drain
pins (D, Dx) may not exceed 85V.
(3)
Fault supplies are tied to the primary supplies (VFP= VDD, VFN = VSS)
TMUX7348F-EP
SCDS461A – NOVEMBER 2023 – REVISED JANUARY 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMUX7348F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com