Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMUX7348FPWTEP Datasheet(PDF) 39 Page - Texas Instruments

Part # TMUX7348FPWTEP
Description  TMUX7348F-EP ±60V Tolerant, Latch-up Immune, Fault Protected, Enhanced Product, 8:1 Multiplexer with Adjustable Fault Threshold
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX7348FPWTEP Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMUX7348FPWTEP Datasheet HTML 35Page - Texas Instruments TMUX7348FPWTEP Datasheet HTML 36Page - Texas Instruments TMUX7348FPWTEP Datasheet HTML 37Page - Texas Instruments TMUX7348FPWTEP Datasheet HTML 38Page - Texas Instruments TMUX7348FPWTEP Datasheet HTML 39Page - Texas Instruments TMUX7348FPWTEP Datasheet HTML 40Page - Texas Instruments TMUX7348FPWTEP Datasheet HTML 41Page - Texas Instruments TMUX7348FPWTEP Datasheet HTML 42Page - Texas Instruments TMUX7348FPWTEP Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
8.3.2.7 Latch-Up Immunity
Latch-up is a condition where a low impedance path is created between a supply pin and ground. This condition
is caused by a trigger (current injection or overvoltage), but once activated, the low impedance path remains
even after the trigger is no longer present. This low impedance path may cause system upset or catastrophic
damage due to excessive current levels. The latch-up condition typically requires a power cycle to eliminate the
low impedance path.
The TMUX7348F-EP is constructed on silicon on insulator (SOI) based process where an oxide layer is added
between the PMOS and NMOS transistor of each CMOS switch to prevent parasitic structures from forming. The
oxide layer is also known as an insulating trench and prevents triggering of latch up events due to overvoltage or
current injections. The latch-up immunity feature allows the TMUX7348F-EP to be used in harsh environments.
For more information on latch-up immunity refer to the Using Latch-Up Immune Multiplexers to Help Improve
System Reliability application report.
8.3.2.8 EMC Protection
The TMUX7348F-EP is not intended for standalone electromagnetic compatibility (EMC) protection in industrial
applications. There are three common high voltage transient specifications that govern industrial high voltage
transient specification: IEC61000-4-2 (ESD), IEC61000-4-4 (EFT), and IEC61000-4-5 (surge immunity). A
transient voltage suppressor (TVS), along with some low-value series current limiting resistors, are required
to prevent source input voltages from going above the rated ±60 V limits.
When selecting a TVS protection device, it is critical to ensure that the maximum working voltage is greater than
both the normal operating range of the input source pins to be protected and any known system common-mode
overvoltage that may be present due to incorrect wiring, loss of power, or short circuit. Figure 8-2 shows an
example of the proper design window when selecting a TVS device.
Region 1 denotes normal operation region of TMUX7348F-EP where the input source voltages stay below the
fault supplies VFP and VFN. Region 2 represents the range of possible persistent DC (or long duration AC
overvoltage fault) presented on the source input pins. Region 3 represents the margin between any known DC
overvoltage level and the absolute maximum rating of the TMUX7348F-EP. The TVS breakdown voltage must
be selected to be less than the absolute maximum rating of the TMUX7348F-EP, but greater than any known
possible persistent DC or long duration AC overvoltage fault to avoid triggering the TVS inadvertently. Region
4 represents the margin system designers must impose when selecting the TVS protection device to prevent
accidental triggering of ESD cells of the TMUX7348F-EP.
Normal Operation
Fault Voltage
Supply VFP
System
Overvoltage
Overvoltage
Protection Window
Device Absolute
Max Rating
Internal ESD
Trigger Voltage
1
2
3
4
TVS
Breakdown
Voltage
Fault Voltage
Supply VFN
0 V
Overvoltage
Protection Window
2
3
4
TVS
Breakdown
Voltage
System
Overvoltage
Device Absolute
Max Rating
Internal ESD
Trigger Voltage
Figure 8-2. System Operation Regions and Proper Region of Selecting a TVS Protection Device
www.ti.com
TMUX7348F-EP
SCDS461A – NOVEMBER 2023 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TMUX7348F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com