Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMUX7348FPWTEP Datasheet(PDF) 45 Page - Texas Instruments

Part # TMUX7348FPWTEP
Description  TMUX7348F-EP ±60V Tolerant, Latch-up Immune, Fault Protected, Enhanced Product, 8:1 Multiplexer with Adjustable Fault Threshold
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX7348FPWTEP Datasheet(HTML) 45 Page - Texas Instruments

Back Button TMUX7348FPWTEP Datasheet HTML 41Page - Texas Instruments TMUX7348FPWTEP Datasheet HTML 42Page - Texas Instruments TMUX7348FPWTEP Datasheet HTML 43Page - Texas Instruments TMUX7348FPWTEP Datasheet HTML 44Page - Texas Instruments TMUX7348FPWTEP Datasheet HTML 45Page - Texas Instruments TMUX7348FPWTEP Datasheet HTML 46Page - Texas Instruments TMUX7348FPWTEP Datasheet HTML 47Page - Texas Instruments TMUX7348FPWTEP Datasheet HTML 48Page - Texas Instruments TMUX7348FPWTEP Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
10 Device and Documentation Support
10.1 Documentation Support
10.1.1 Related Documentation
• Texas Instruments, Eliminate Power Sequencing with Powered-Off Protection Signal Switches application
brief
• Texas Instruments, Implications of Slow or Floating CMOS Inputs application note
• Texas Instruments, Improving Analog Input Modules Reliability Using Fault Protected Multiplexers application
report
• Texas Instruments, Multiplexers and Signal Switches Glossary application report
• Texas Instruments, Protection Against Overvoltage Events, Miswiring, and Common Mode Voltages
application report
• Texas Instruments, Using Latch-Up Immune Multiplexers to Help Improve System Reliability application
report
10.2 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
10.3 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
10.4 Trademarks
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
10.5 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
10.6 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
11 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision * (November 2023) to Revision A (January 2025)
Page
• Changed the status from: Advanced Information to Production Data ............................................................... 1
DATE
REVISION
NOTES
November 2023
*
Initial Release
www.ti.com
TMUX7348F-EP
SCDS461A – NOVEMBER 2023 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: TMUX7348F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com