Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UPSD3422_06 Datasheet HTML 28Page - STMicroelectronics UPSD3422_06 Datasheet HTML 29Page - STMicroelectronics UPSD3422_06 Datasheet HTML 30Page - STMicroelectronics UPSD3422_06 Datasheet HTML 31Page - STMicroelectronics UPSD3422_06 Datasheet HTML 32Page - STMicroelectronics UPSD3422_06 Datasheet HTML 33Page - STMicroelectronics UPSD3422_06 Datasheet HTML 34Page - STMicroelectronics UPSD3422_06 Datasheet HTML 35Page - STMicroelectronics UPSD3422_06 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 293 page
background image
Special function registers (SFR)
uPSD34xx
32/293
CAPCOML4, CAPCOMH4, TCMMODE4, CAPCOML5, CAPCOMH5, TCMMODE5,
PWMF0, PMWF1
●
SPI interface registers
SPICLKD, SPISTAT, SPITDR, SPIRDR, SPICON0, SPICON1
●
I2C interface registers
S1SETUP, S1CON, S1STA, S1DAT, S1ADR
●
Analog to Digital Converter registers
ACON, ADCPS, ADAT0, ADAT1
●
IrDA interface register
IRDACON
●
USB interface registers
UADDR, UPAIR, WE0-3, UIF0-3, UCTL, USTA, USEL, UCON, USIZE, UBASEH,
UBASEL, USCI, USCV
Table 5.
SFR memory map with direct address and reset value
Bit Name and <Bit Address>
76
5
4
3
2
1
0
80
RESERVED
81
SP
SP[7:0]
07
Section
7.1
82
DPL
DPL[7:0]
00
Section
7.2
83
DPH
DPH[7:0]
00
84
RESERVED
85
DPTC
–
AT
–
–
–
DPSEL[2:0]
00
Table 13
86
DPTM
–
–
–
–
MD1[1:0]
MD0[1:0]
00
Table 14
87
PCON
SMOD0
SMOD1
–
POR
RCLK1
TCLK1
PD
IDLE
00
Table 26
88(1)
TCON
TF1
<8Fh>
TR1
<8Eh>
TF0
<8Dh>
TR0
<8Ch>
IE1
<8Bh>
IT1
<8Ah>
IE0
<89h>
IT0
<88h>
00
Table 41
89
TMOD
GATE
C/T
M1
M0
GATE
C/T
M1
M0
00
Table 42
8A
TL0
TL0[7:0]
00
Section
20.1
8B
TL1
TL1[7:0]
00
8C
TH0
TH0[7:0]
00
8D
TH1
TH1[7:0]
00
8E
P1SFS0
P1SFS0[7:0]
00
Table 31
8F
P1SFS1
P1SFS1[7:0]
00
Table 32
90(1)
P1
P1.7
<97h>
P1.6
<96h>
P1.5
<95h>
P1.4
<94h>
P1.3
<93h>
P1.2
<92h>
P1.1
<91h>
P1.0
<90h>
FF
Table 27
91
P3SFS
P3SFS[7:0]
00
Table 30
92
P4SFS0
P4SFS0[7:0]
00
Table 34
93
P4SFS1
P4SFS1[7:0]
00
Table 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com