Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422 Datasheet(PDF) 48 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button UPSD3422_06 Datasheet HTML 44Page - STMicroelectronics UPSD3422_06 Datasheet HTML 45Page - STMicroelectronics UPSD3422_06 Datasheet HTML 46Page - STMicroelectronics UPSD3422_06 Datasheet HTML 47Page - STMicroelectronics UPSD3422_06 Datasheet HTML 48Page - STMicroelectronics UPSD3422_06 Datasheet HTML 49Page - STMicroelectronics UPSD3422_06 Datasheet HTML 50Page - STMicroelectronics UPSD3422_06 Datasheet HTML 51Page - STMicroelectronics UPSD3422_06 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 293 page
background image
Dual data pointers
uPSD34xx
48/293
11.2
Data pointer mode register, DPTM (86h)
The two “background” data pointers, DPTR0 and DPTR1, can be configured to
automatically increment, decrement, or stay the same after a MOVX instruction accesses
the DPTR Register. Only the currently selected pointer will be affected by the increment or
decrement. This feature is controlled by the DPTM Register defined in Table 14.
The automatic increment or decrement function is effective only for the MOVX instruction,
and not MOVC or any other instruction that uses the DTPR Register.
11.2.1
Firmware example
The 8051 assembly code illustrated in Table 15 shows how to transfer a block of data bytes
from one XDATA address region to another XDATA address region. Auto-address
incrementing and auto-pointer toggling will be used.
Table 14.
DPTM: data pointer mode register (SFR 86h, reset value 00h)
Table 15.
8051 assembly code example
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
–
–
–
–
MD11
MD10
MD01
MD00
Bit
Symbol
R/W
Definition
7-4
–
–
Reserved
3-2
MD[11:10]
R,W
DPTR1 Mode Bits
00: DPTR1 No Change
01: Reserved
10: Auto Increment
11: Auto Decrement
1-0
MD[01:00]
R,W
DPTR0 Mode Bits
00: DPTR0 No Change
01: Reserved
10: Auto Increment
11: Auto Decrement
MOV
R7, #COUNT
; initialize size of data block to transfer
MOV
DPTR,
#SOURCE_ADDR
; load XDATA source address base into DPTR0
MOV
85h, #01h
; load DPTC to access DPTR1 pointer
MOV
DPTR, #DEST_ADDR ; load XDATA destination address base into DPTR1
MOV
85h, #40h
; load DPTC to access DPTR0 pointer and auto
toggle
MOV
86h, #0Ah
; load DPTM to auto-increment both pointers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com