Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422 Datasheet(PDF) 35 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button UPSD3422_06 Datasheet HTML 31Page - STMicroelectronics UPSD3422_06 Datasheet HTML 32Page - STMicroelectronics UPSD3422_06 Datasheet HTML 33Page - STMicroelectronics UPSD3422_06 Datasheet HTML 34Page - STMicroelectronics UPSD3422_06 Datasheet HTML 35Page - STMicroelectronics UPSD3422_06 Datasheet HTML 36Page - STMicroelectronics UPSD3422_06 Datasheet HTML 37Page - STMicroelectronics UPSD3422_06 Datasheet HTML 38Page - STMicroelectronics UPSD3422_06 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 293 page
background image
uPSD34xx
Special function registers (SFR)
35/293
C1
CAPCO
ML3
CAPCOML3[7:0]
00
Table 93
C2
CAPCO
MH3
CAPCOMH3[7:0]
00
C3
CAPCO
ML4
CAPCOML4[7:0]
00
C4
CAPCO
MH4
CAPCOMH4[7:0]
00
C5
CAPCO
ML5
CAPCOML5[7:0]
00
C6
CAPCO
MH5
CAPCOMH5[7:0]
00
C7
PWMF1
PWMF1[7:0]
00
C8(1)
T2CON
TF2
<CFh>
EXF2
<CEh>
RCLK
<CDh>
TCLK
<CCh>
EXEN2
<CBh>
TR2
<CAh>
C/T2
<C9h>
CP/RL2
<C8h>
00
Table 43
C9
RESERVED
CA
RCAP2L
RCAP2L[7:0]
00
Section
20.1
CB
RCAP2H
RCAP2H[7:0]
00
CC
TL2
TL2[7:0]
00
CD
TH2
TH2[7:0]
00
CE
IRDACO
N
–
IRDA_EN
BIT_PULS
CDIV4
CDIV3
CDIV2
CDIV1
CDIV0
0F
Table 50
D0(1)
PSW
CY
<D7h>
AC
<D6h>
F0
<D5h>
RS[1:0]
<D4h, D3h>
OV
<D2h>
–
P
<D0>
00
Section
7.7
D1
RESERVED
D2
SPICLK
D
SPICLKD[5:0]
–
–
04
Table 65
D3
SPISTAT
–
–
–
BUSY
TEISF
RORISF
TISF
RISF
02
Table 66
D4
SPITDR
SPITDR[7:0]
00
Table 64
D5
SPIRDR
SPIRDR[7:0]
00
D6
SPICON
0
–
TE
RE
SPIEN
SSEL
FLSB
SPO
–
00
Table 63
D7
SPICON
1
–
–
–
–
TEIE
RORIE
TIE
RIE
00
Table 64
D8(1)
SCON1
SM0
<DF
SM1
<DE>
SM2
<DD>
REN
<DC>
TB8
<DB>
RB8
<DA>
TI
<D9>
RI
<D8>
00
Table 48
D9
SBUF1
SBUF1[7:0]
00
Section
21
Table 5.
SFR memory map with direct address and reset value
Bit Name and <Bit Address>
76
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com