Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422 Datasheet(PDF) 38 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button UPSD3422_06 Datasheet HTML 34Page - STMicroelectronics UPSD3422_06 Datasheet HTML 35Page - STMicroelectronics UPSD3422_06 Datasheet HTML 36Page - STMicroelectronics UPSD3422_06 Datasheet HTML 37Page - STMicroelectronics UPSD3422_06 Datasheet HTML 38Page - STMicroelectronics UPSD3422_06 Datasheet HTML 39Page - STMicroelectronics UPSD3422_06 Datasheet HTML 40Page - STMicroelectronics UPSD3422_06 Datasheet HTML 41Page - STMicroelectronics UPSD3422_06 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 293 page
background image
8032 addressing modes
uPSD34xx
38/293
9
8032 addressing modes
The 8032 MCU uses 11 different addressing modes listed below:
●
Register
●
Direct
●
Register Indirect
●
Immediate
●
External Direct
●
External Indirect
●
Indexed
●
Relative
●
Absolute
●
Long
●
Bit
9.1
Register Addressing
This mode uses the contents of one of the registers R0 - R7 (selected by the last three bits
in the instruction opcode) as the operand source or destination. This mode is very efficient
since an additional instruction byte is not needed to identify the operand. For example:
9.2
Direct Addressing
This mode uses an 8-bit address, which is contained in the second byte of the instruction, to
directly address an operand which resides in either 8032 DATA SRAM (internal address
range 00h-07Fh) or resides in 8032 SFR (internal address range 80h-FFh). This mode is
quite fast since the range limit is 256 bytes of internal 8032 SRAM. For example:
9.3
Register Indirect Addressing
This mode uses an 8-bit address contained in either Register R0 or R1 to indirectly address
an operand which resides in 8032 IDATA SRAM (internal address range 80h-FFh). Although
8032 SFR registers also occupy the same physical address range as IDATA, SFRs will not
be accessed by Register Indirect mode. SFRs may only be accesses using Direct address
mode. For example:
MOV A, R7
; Move contents of R7 to accumulator
MOV A, 40h
; Move contents of DATA SRAM
; at location 40h into the accumulator
MOV A, @R0
; Move into the accumulator the
; contents of IDATA SRAM that is
; pointed to by the address
; contained in R0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com