Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6T Datasheet(PDF) 255 Page - STMicroelectronics

Part # UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Datasheet(HTML) 255 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 251Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 252Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 253Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 254Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 255Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 256Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 257Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 258Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 259Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 293 page
background image
uPSD34xx
PSD module
255/293
TSTAT and TERR are functional only when JTAG ISP operations are occurring, which
means they are non-functional during JTAG debugging of the 8032 on the MCU Module.
Programming times vary depending on the number of locations to be programmed and the
JTAG programming equipment, but typical JTAG ISP programming times are 10 to 25
seconds using 6-pin JTAG. The signals TSTAT and TERR are not included in the IEEE
1149.1 specification.
Figure 93 on page 255 shows recommended connections on a circuit board to a JTAG
program/test tool using 6-pin JTAG. It is required to connect the RST output signal from the
JTAG program/test equipment to the RESET_IN input on the uPSD34xx. The RST signal is
driven by the equipment with an Open Drain driver, allowing other sources (like a push
button) to drive RESET_IN without conflict.
Note:
The recommended pull-up resistors and decoupling capacitor are illustrated in Figure 93.
Figure 93.
Recommended 6-pin JTAG connections
Note:
1
For 5V uPSD34xx devices, pull-up resistors and VCC pin on the JTAG connector should be
connected to 5V system VDD.
2
For 3.3V uPSD34xx devices, pull-up resistors and VCC pin on the JTAG connector should be
connected to 3.3V system VCC.
3
This signal is driven by an Open-Drain output in the JTAG equipment, allowing more than
one source to activate RESET_IN.
TMS - PC0
TCK - PC1
SRAM STBY or I/O - PC2
TSTAT - PC3
TERR - PC4
TDI - PC5
TDO - PC6
GENERAL I/O - PC7
JTAG
CONN.
100k typical
TMS
TCK
TDI
TERR
TSTAT
TDO
GENERAL I/O
SIGNALS
GND
VCC
(1,2)
RST
(3)
uPSD34xx
0.01
µF
CIRCUIT
BOARD
JTAG
Programming
or Test
Equipment
Connects Here
10k
PUSH BUTTON
or ANY OTHER
RESET SOURCE
DEBUG
OPTIONAL
TEST POINT
100k
RESETIN
AI10458



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com