Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6T Datasheet(PDF) 257 Page - STMicroelectronics

Part # UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Datasheet(HTML) 257 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 253Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 254Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 255Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 256Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 257Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 258Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 259Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 260Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 261Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 293 page
background image
uPSD34xx
PSD module
257/293
Figure 95.
Example of chaining uPSD34xx devices
28.6.8
Debugging the 8032 MCU module
The 8032 on the MCU module may be debugged in-circuit using the same four basic JTAG
signals as used for JTAG ISP (TDI, TDO, TCK, TMS). The signals TSTAT and TERR are not
needed for debugging, and they will not create a problem if they exist on the circuit board
while debugging. The same connector specified in Figure 94 on page 256 can be used for
ISP or for 8032 debugging. There are 3rd party suppliers of uPSD34xx JTAG debugging
equipment (check www.st.com/psm). These are small pods which connect to a PC (or
notebook computer) using a USB interface, and they are driven by an 8032 Integrated
Development Environment (IDE) running on the PC.
Standard debugging features are provided through this JTAG interface such as single-step,
breakpoints, trace, memory dump and fill, and others. There is also a dedicated Debug pin
(shown in Figure 91 on page 253) which can be configured as an output to trigger external
devices upon a programmable internal event (e.g., breakpoint match), or the pin can be
configured as an input so an external device can initiate an internal debug event (e.g., break
execution). The Debug pin function is configured by the 8032 IDE debug software tool. See
Section 12: Debug unit on page 50 for more details.
The Debug signal should always be pulled up externally with a weak pull-up (100K
minimum) to VCC even if nothing is connected to it, as shown in Figure 92 on page 254 and
Figure 93 on page 255.
Device 1
µPSD34xx
uPSD34xx
TMS
TCK
TDI
TDO
IEEE 1149.1
Compliant
Device
Device 2
Device N
System
Reset
Circuitry
TMS
TCK
TDI
TDO
TSTAT
TERR
CIRCUIT BOARD
JTAG
CONN.
VCC
TMS
TCK
TDI
TSTAT
TERR
TDO
RST
GND
100K
100K
100K
100K
100K
10K
100K
JTAG
Programming
or Test
Equipment
Connects Here
Optional
Optional
TMS
TCK
TDI
TDO
TSTAT
TERR
AI10459



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com